Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9995 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9995
Description  12-Bit CCD Signal Processor with Precision Timing Generator
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9995_15 Datasheet HTML 5Page - Analog Devices AD9995_15 Datasheet HTML 6Page - Analog Devices AD9995_15 Datasheet HTML 7Page - Analog Devices AD9995_15 Datasheet HTML 8Page - Analog Devices AD9995_15 Datasheet HTML 9Page - Analog Devices AD9995_15 Datasheet HTML 10Page - Analog Devices AD9995_15 Datasheet HTML 11Page - Analog Devices AD9995_15 Datasheet HTML 12Page - Analog Devices AD9995_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD9995
–9–
SYSTEM OVERVIEW
Figure 1 shows the typical system block diagram for the AD9995
used in Master mode. The CCD output is processed by the
AD9995’s AFE circuitry, which consists of a CDS, VGA, black
level clamp, and A/D converter. The digitized pixel information
is sent to the digital image processor chip, which performs the
postprocessing and compression. To operate the CCD, all CCD
timing parameters are programmed into the AD9995 from the
system microprocessor through the 3-wire serial interface. From
the system master clock, CLI, provided by the image processor
or external crystal, the AD9995 generates all of the CCD’s hori-
zontal and vertical clocks and all internal AFE clocks. External
synchronization is provided by a SYNC pulse from the micropro-
cessor, which will reset internal counters and resync the VD and
HD outputs.
Alternatively, the AD9995 may be operated in Slave mode, in
which VD and HD are provided externally from the image pro-
cessor. In this mode, all AD9995 timing will be synchronized
with VD and HD.
CCDIN
MSHUT
STROBE
H1–H4, RG, VSUB
V1–V6, VSG1–VSG5, SUBCK
CCD
V-DRIVER
AD9995
AFETG
DIGITAL
IMAGE
PROCESSING
ASIC
DOUT
DCLK
HD, VD
CLI
SERIAL
INTERFACE
SYNC
The H-drivers for H1–H4 and RG are included in the AD9995,
allowing these clocks to be directly connected to the CCD.
H-drive voltage of up to 3.3 V is supported. An external V-driver
is required for the vertical transfer clocks, the sensor gate pulses,
and the substrate clock.
The AD9995 also includes programmable MSHUT and
STROBE outputs, which may be used to trigger mechanical
shutter and strobe (flash) circuitry.
Figures 2 and 3 show the maximum horizontal and vertical
counter dimensions for the AD9995. All internal horizontal and
vertical clocking is controlled by these counters to specify line
and pixel locations. Maximum HD length is 4095 pixels per line,
and maximum VD length is 4095 lines per field.
12-BIT HORIZONTAL = 4096 PIXELS MAX
12-BIT VERTICAL = 4096 LINES MAX
MAXIMUM
FIELD
DIMENSIONS
Figure 2. Vertical and Horizontal Counters
VD
HD
MAX VD LENGTH IS 4095 LINES
CLI
MAX HD LENGTH IS 4095 PIXELS
Figure 3. Maximum VD/HD Dimensions
REV. 0


Similar Part No. - AD9995_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9995KCP AD-AD9995KCP Datasheet
1Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9995KCPRL AD-AD9995KCPRL Datasheet
1Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results

Similar Description - AD9995_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9995 AD-AD9995 Datasheet
1Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9994 AD-AD9994 Datasheet
63Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. Sp0
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992_07 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com