Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22001 Datasheet(PDF) 1 Page - Analog Devices

Part # AD22001
Description  5-Channel Monolithic Comparator for Lamp Monitoring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22001 Datasheet(HTML) 1 Page - Analog Devices

  AD22001_15 Datasheet HTML 1Page - Analog Devices AD22001_15 Datasheet HTML 2Page - Analog Devices AD22001_15 Datasheet HTML 3Page - Analog Devices AD22001_15 Datasheet HTML 4Page - Analog Devices AD22001_15 Datasheet HTML 5Page - Analog Devices AD22001_15 Datasheet HTML 6Page - Analog Devices AD22001_15 Datasheet HTML 7Page - Analog Devices AD22001_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
SWITCH &
LIMITER
4
5
6
9
8
CHANNEL 1
CHANNEL 2
CHANNEL 3
2
1
20
3
7
11
10
13
12
CHANNEL 4
CHANNEL 5
14
15
16
17
19
18
CHIP
ENABLE
GND
+IN1
–IN1
–IN2
+IN2
–IN3
+IN3
–IN4
+IN4
–IN5
+IN5
POWER
OUT
OUT 1 & 2
OUT 3 & 4
OUT (3
× 4)
OUT 5
AD22001
INFUSE1 & 2
INFUSE5
+VS
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
5-Channel Monolithic Comparator
for Lamp Monitoring
AD22001*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Continuous Status Checks of Five Bulbs
Lamp Status Check in “ON” and “OFF” States
Status Checks of Two In-Line Fuses
Very Low Voltage Drop at Sensor Shunt Resistor
(Comparator Threshold 1.75 mV at 22 C)
Temperature and Supply Voltage Compensated
Powered Directly from Car Battery: Protection
Included for Transient, Reverse Supply, Load Dump
Operating Temperature Range: –40 C to +125 C
15 V CMOS Compatible Digital Output Signals
Voltage Limited Power Supply Output for 15 V CMOS
Logic ICs
GENERAL DESCRIPTION
The AD22001 is a monolithic, five-channel comparator circuit
for monitoring the functionality of lamps in automotive
applications.
The IC tests the series circuit leading to the lamp to determine
if the circuit is intact and a functional lamp is in the socket. The
AD22001 continuously checks the functionality of up to five
bulbs in either their “on” or “off” state, and also tests for the
presence of an in-line fuse in two of the series circuits.
Digital outputs indicate the status of each channel. Additionally,
the AD22001 provides a voltage limited power supply output to
supply 15 V CMOS circuits that may interface to the AD22001.
FUSE
+V BATT
SWITCH
COPPER
SHUNT
RESISTOR
LAMP
SIGNAL CONDITIONING
AND SIGNAL PROCESSING
OUTPUT
Figure 1. Typical Application Circuit for a Single Channel Lamp Monitor


Similar Part No. - AD22001_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22001N AD-AD22001N Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
More results

Similar Description - AD22001_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22001 AD-AD22001 Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
logo
Silicon Touch Technolog...
PS231S SITI-PS231S Datasheet
174Kb / 11P
   5-Channel Secondary Monitoring IC
logo
Linear Technology
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
National Semiconductor ...
9324 NSC-9324 Datasheet
118Kb / 6P
   5-Bit Comparator
93L24 NSC-93L24 Datasheet
90Kb / 4P
   5-Bit Comparator
logo
Fairchild Semiconductor
DM9324 FAIRCHILD-DM9324 Datasheet
41Kb / 4P
   5-Bit Comparator
logo
Linear Technology
LTC1998 LINER-LTC1998 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10166 ONSEMI-MC10166 Datasheet
184Kb / 6P
   5?묪it Magnitude Comparator
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com