Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22001 Datasheet(PDF) 2 Page - Analog Devices

Part # AD22001
Description  5-Channel Monolithic Comparator for Lamp Monitoring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22001 Datasheet(HTML) 2 Page - Analog Devices

  AD22001_15 Datasheet HTML 1Page - Analog Devices AD22001_15 Datasheet HTML 2Page - Analog Devices AD22001_15 Datasheet HTML 3Page - Analog Devices AD22001_15 Datasheet HTML 4Page - Analog Devices AD22001_15 Datasheet HTML 5Page - Analog Devices AD22001_15 Datasheet HTML 6Page - Analog Devices AD22001_15 Datasheet HTML 7Page - Analog Devices AD22001_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Test Conditions
Min
Typ
Max
Units
DIFFERENTIAL INPUTS (Voltage Drop from Shunt Resistor: Pins 4 & 5, 8 & 9, 10 & 11, 14 & 15, 16 & 17)
VINDIFF
Comparator Threshold Voltage
1
1.5
1.75
2.0
mV
VINCM
Common-Mode Threshold Voltage
1
5
V
Power Supply Sensitivity of VINDIFF
2
9 V
≤ V
S ≤ 16 V
50
%
Temperature Compensation of VINDIFF
3
3770
ppm/
°C
IINB
Input Bias Current
10
µA
IINC
Constant Current Source
4
30
60
µA
SINGLE-ENDED INPUTS (Fuse Monitoring: Pins 6, 19)
VINF
Fuse Input Threshold Voltage
5
4
V
CHIP ENABLE CONTROL INPUT (Pin 1)
VINCE
Chip Enable, Input High
9
V
VINCD
Chip Disable (Stop Operation)
6
6
V
OUTPUTS (Pins 7, 12, 13, 18)
VOUTL
Output Voltage, Low
Load = 500
µA
0.6
V
Indicates No Fault in Lamp Circuit
VOUTH
Output Voltage, High
9 V
≤ V
S ≤ VSSDH
VOUTPS–2.5
VOUTPS V
Indicates Fault in Lamp Circuit
Load = 50
µA
POWER SUPPLY (Pin 2: +VS, Pin 20: GND)
VS
Supply Voltage
930
V
IS
Quiescent Supply Current
Pin 1 High
1
3
5
mA
VOUTH: No Load
Pin 1 Low
100
µA
POWER SUPPLY OUTPUT (Pin 3)
VOUTPS
Power Supply Output Voltage
10 V < VS < 14.5 V VS–0.5
VS–0.3
VS
V
IOUTPS
≤ 1 mA
Max Output Voltage
16
18
V
IOUTPS
Power Supply Output Current
7
2mA
OPERATING SHUTDOWN (Safety Features)
VSSDH
Operation Shutdown at High
30
33
36
V
Power Supply Voltages
8
VSSDL
Operation Shutdown at Low
79
V
Power Supply Voltage
9
TEMPERATURE RANGE
TA
Operating Temperature Range
–40
+125
°C
PACKAGE
Plastic DIP (N-20)
AD22001N
NOTES
1In the presence of a common-mode voltage greater than 5 V, if the shunt voltage applied to the comparator does not exceed the threshold (i.e., the bulb is switched
on but does not draw current), then the device will indicate a failure.
2At V
S = 13.5 V, the differential input threshold voltage is typically 1.75 mV. With an increase of V S, the threshold voltage, VINDIFF, will change as well.
Power supply sensitivity of 50% means that when the power supply voltage V S increases by 10%, the threshold voltage VINDIFF will be increased by half of this per-
centage value: 5%.
3This is the temperature coefficient to compensate for any temperature influence on the external copper PCB track shunt resistors. 3770 ppm/
°C is equal to 6.6 µV/°C.
4This current source is used to test the lamp when it is switched off (cold lamp test).
5If the voltage at the input from the fuse (Pin 6 or 19) does not exceed the threshold voltage, then the output will indicate a failure.
6When the Chip Enable is open-circuited, the chip is disabled.
7Shorting V
OUTPS to ground will cause the device to stop operating for that period. However, the device will not suffer any damage.
8At this voltage, or above, the internal power supply and the power output V
OUTPS will be shut off.
9Below the minimum voltage, the circuit will shut down. Above the maximum, the circuit will be on if enabled.
All min and max specifications are guaranteed, although only those marked in boldface are tested on all production units at final test.
Specifications subject to change without notice.
REV. A
–2–
AD22001–SPECIFICATIONS
(TA = +22 C, VS = +13.5 V unless otherwise noted)


Similar Part No. - AD22001_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22001N AD-AD22001N Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
More results

Similar Description - AD22001_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22001 AD-AD22001 Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
logo
Silicon Touch Technolog...
PS231S SITI-PS231S Datasheet
174Kb / 11P
   5-Channel Secondary Monitoring IC
logo
Linear Technology
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
National Semiconductor ...
9324 NSC-9324 Datasheet
118Kb / 6P
   5-Bit Comparator
93L24 NSC-93L24 Datasheet
90Kb / 4P
   5-Bit Comparator
logo
Fairchild Semiconductor
DM9324 FAIRCHILD-DM9324 Datasheet
41Kb / 4P
   5-Bit Comparator
logo
Linear Technology
LTC1998 LINER-LTC1998 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10166 ONSEMI-MC10166 Datasheet
184Kb / 6P
   5?묪it Magnitude Comparator
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com