Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22151 Datasheet(PDF) 3 Page - Analog Devices

Part # AD22151
Description  Linear Output Magnetic Field Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22151 Datasheet(HTML) 3 Page - Analog Devices

  AD22151_15 Datasheet HTML 1Page - Analog Devices AD22151_15 Datasheet HTML 2Page - Analog Devices AD22151_15 Datasheet HTML 3Page - Analog Devices AD22151_15 Datasheet HTML 4Page - Analog Devices AD22151_15 Datasheet HTML 5Page - Analog Devices AD22151_15 Datasheet HTML 6Page - Analog Devices AD22151_15 Datasheet HTML 7Page - Analog Devices AD22151_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
AD22151
–3–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
AREA OF SENSITIVITY*
TC1
TC2
TC3
GND
VCC
REF
GAIN
OUTPUT
AD22151
(Not to Scale)
8
7
6
5
1
2
3
4
*SHADED AREA REPRESENTS
MAGNETIC FIELD AREA OF
SENSITIVITY (20MILS
20MILS)
POSITIVE B FIELD INTO TOP OF
PACKAGE RESULTS IN A POSITIVE
VOLTAGE RESPONSE
CIRCUIT OPERATION
The AD22151 consists of epi Hall plate structures located at the
center of the die. The Hall plates are orthogonally sampled by
commutation switches via a differential amplifier. The two
amplified Hall signals are synchronously demodulated to provide a
resultant offset cancellation (see Figure 3). The demodulated
signal passes through a noninverting amplifier to provide final
gain and drive capability. The frequency at which the output
signal is refreshed is 50 kHz.
TEMPERATURE – C
140
–40
120
100
80
60
40
20
0
–20
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0.005
Figure 3. Relative Quiescent Offset vs. Temperature
TEMPERATURE DEPENDENCIES
The uncompensated gain temperature coefficient (GTCU) of the
AD22151 is the result of fundamental physical properties asso-
ciated with silicon bulk Hall plate structures. Low doped Hall
plates operated in current bias mode exhibit a temperature
relationship determined by the action of scattering mechanisms
and doping concentration.
The relative value of sensitivity to magnetic field can be altered
by the application of mechanical force upon silicon. The mecha-
nism is principally the redistribution of electrons throughout the
PIN FUNCTION DESCRIPTIONS
Pin No.
Description
Connection
1Temperature Compensation 1
Output
2Temperature Compensation 2
Output
3Temperature Compensation 3
Input/Output
4Ground
5Output
Output
6
Gain
Input
7Reference
Output
8
Positive Power Supply
“valleys” of the silicon crystal. Mechanical force on the sensor is
attributable to package-induced stress. The package material
acts to distort the encapsulated silicon, altering the Hall cell
gain by
±2% and GTCU by ±200 ppm.
Figure 4 shows the typical GTCU characteristic of the AD22151.
This is the observable alteration of gain with respect to tempera-
ture with Pin 3 (TC3) held at a constant 2.5 V (uncompensated).
If a permanent magnet source used in conjunction with the
sensor also displays an intrinsic TC (BTC), it will require factoring
into the total temperature compensation of the sensor assembly.
Figures 5 and 6 represent typical overall temperature/gain per-
formance for a sensor and field combination (BTC = –200 ppm).
Figure 5 is the total drift in volts over a –40
∞C to +150∞C tem-
perature range with respect to applied field. Figure 6 represents
typical percentage gain variation from 25
∞C. Figures 7 and 8
show similar data for a BTC = –2000 ppm.
TEMPERATURE – C
14
–4
–40
10
60
110
160
12
4
2
0
–2
10
6
8
–6
Figure 4. Uncompensated Gain Variation (from
25
∞C) vs. Temperature


Similar Part No. - AD22151_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22151YR AD-AD22151YR Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151YR AD-AD22151YR Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
AD22151YR-REEL AD-AD22151YR-REEL Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
AD22151YRZ AD-AD22151YRZ Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
More results

Similar Description - AD22151_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151YRZ AD-AD22151YRZ Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com