Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD53500 Datasheet(PDF) 3 Page - Analog Devices

Part # AD53500
Description  High Speed, High Current Capability Pin Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53500 Datasheet(HTML) 3 Page - Analog Devices

  AD53500_15 Datasheet HTML 1Page - Analog Devices AD53500_15 Datasheet HTML 2Page - Analog Devices AD53500_15 Datasheet HTML 3Page - Analog Devices AD53500_15 Datasheet HTML 4Page - Analog Devices AD53500_15 Datasheet HTML 5Page - Analog Devices AD53500_15 Datasheet HTML 6Page - Analog Devices AD53500_15 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
–3–
REV. 0
AD53500
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD53500 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Parameter
Min
Typ
Max
Units
Test Conditions
DYNAMIC PERFORMANCE, INHIBIT
Delay Time, Active to Inhibit
2
10
ns
Measured at 50%, VH = +2 V,
VL = –2 V, 50 Ω Terminated to Ground
Delay Time, Inhibit to Active
2
10
ns
Measured at 50%, VH = +2 V,
VL = –2 V, 50 Ω Terminated to Ground
I/O Spike
<200
mV, p-p
VH = 0 V, VL = 0 V
Output Leakage
–1.0
+1.0
µAV
OUT = –2 V to +6 V
Output Capacitance
18
pF
Driver Inhibited
PSRR, Drive Mode
35
dB
VS = VS ± 3%
POWER SUPPLIES
Total Supply Range
16
V
Positive Supply
+10
V
Negative Supply
–6
V
Positive Supply Current
85
95
mA
Negative Supply Current
88
98
mA
Total Power Dissipation
1.37
1.54
W
Temperature Sensor Gain Factor
1.0
µA/K
RLOAD = 10 kΩ, VSOURCE = +10 V
NOTES
Connecting or shorting the decoupling capacitors to ground will result in the destruction of the device.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Power Supply Voltage
+VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +11 V
–VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V
+VS to –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +18 V
Inputs
DATA,
DATA, INH, INH . . . . . . . . . . . . . . . . +5 V, –3 V
DATA to
DATA, INH to INH
. . . . . . . . . . . . . . . .
±3 V
VH, VL to GND . . . . . . . . . . . . . . . . . . . . . . . . . +7 V, –3 V
VH to VL
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V, 0 V
Outputs
VOUT Short Circuit Duration to Ground . . . . . . . Indefinite
2
VOUT Range in Inhibit Mode . . . . . . . . . . . . . See Figure 1
VHDCPL . . . . . . . . Do Not Connect Except for Cap to VCC
3
VLDCPL . . . . . . . . . Do Not Connect Except for Cap to VEE
3
THERM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS, 0 V
Environmental
Operating Temperature (Junction) . . . . . . . . . . . . . . +175
°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec)
4
. . . . . . . . . . +260
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Absolute maximum limits apply
individually, not in combination. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2Output short circuit protection is guaranteed as long as proper heat sinking is
employed to ensure compliance with the operating temperature limits.
3The V
HDCPL and VLDCPL capacitors may be replaced by a low value resistor for higher
dc-current drive capability.
4To ensure lead coplanarity (
±0.002 inches) and solderability, handling with bare
hands should be avoided and the device should be stored in environments at 24
°C
± 5°C (75°F ± 10°F) with relative humidity not to exceed 65%.
WARNING!
ESD SENSITIVE DEVICE
1
23
4
5
–1
1
–1
–2
2
3
4
5
6
VH, VL
VOUT
VOUT = (MIN) = –3V
FIGURE 1 SHOWS THE MAXIMUM ALLOWABLE LIMITS FOR VOUT AS A FUNCTION
OF VHIGH AND VLOW WHEN THE DRIVER IS OPERATING IN INHIBIT MODE. THE
LIMITS, AS STATED BEFORE, ARE MAXIMUM RATINGS ONLY, AND SHOULD NOT
BE USED AS THE PART'S NORMAL OPERATING RANGE. THIS RANGE APPLIES
ONLY TO SUPPLIES OF +VS = +10V AND –VS = –6V AND SHOULD BE DERATED
PROPORTIONALLY FOR LOWER SUPPLIES.
VHIGH / VLOW
VOUT = (MAX) = +7V
–2
6
–3
7
Figure 1. Absolute Maximum Ratings for VOUT


Similar Part No. - AD53500_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500JRP AD-AD53500JRP Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
More results

Similar Description - AD53500_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
logo
E-Tech Electronics LTD
GSCNE555 ETL-GSCNE555 Datasheet
523Kb / 5P
   High current driver capability (=200mA)
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com