Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1934 Datasheet(PDF) 6 Page - NEC

Part # UPC1934
Description  DC-DC CONVERTER CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1934 Datasheet(HTML) 6 Page - NEC

Back Button UPC1934 Datasheet HTML 2Page - NEC UPC1934 Datasheet HTML 3Page - NEC UPC1934 Datasheet HTML 4Page - NEC UPC1934 Datasheet HTML 5Page - NEC UPC1934 Datasheet HTML 6Page - NEC UPC1934 Datasheet HTML 7Page - NEC UPC1934 Datasheet HTML 8Page - NEC UPC1934 Datasheet HTML 9Page - NEC UPC1934 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet G13567EJ3V0DS00
6
µµµµ PC1934
Electrical Characteristics (unless otherwise specified, TA
= 25 °°°°C, VCC ==== 3 V, fOSC = 100 kHz)
Block
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Start-up voltage
VCC (L-H)
IREF = 0.1 mA
1.57
V
Operation stop voltage
VCC (H-L)
IREF = 0.1 mA
1.5
V
Hysteresis voltage
VH
IREF = 0.1 mA
30
70
mV
Under
voltage
Lock-out
section
Reset voltage (timer latch)
VCCR
IREF = 0.1 mA
1.0
V
Reference voltage
VREF
IREF = 1 mA
2.0
2.1
2.2
V
Line regulation
REGIN
2.5 V
≤VCC≤20 V
2
12.5
mV
Load regulation
REGL
0.1 mA
≤IREF≤1 mA
2
7.5
mV
Reference
Voltage
section
Temperature coefficient
∆VREF/∆T −20 °C≤TA≤+85 °C, IREF = 0 A
0.5
%
fOSC setting accuracy
∆fOSC
RT = 11 k
Ω, CT = 330 pF
−15
+15
%
Oscillation
section
fOSC total stability
∆fOSC
−20 °C≤TA≤+85 °C,
2.5 V
≤VCC≤20 V
−30
+30
%
Input bias current
IBD
0.4
1.0
µ A
Low-level threshold voltage
VTH (L)
Duty = 100 %
1.2
V
Dead time
control
section
High-level threshold voltage
VTH (H)
Duty = 0 %
1.6
V
Input offset voltage
VIO
−10
+10
mV
Input offset current
IIO
−100
+100
nA
Input bias current
IB
−100
+100
nA
Common mode input voltage range
VIMC
00.4
V
Open loop gain
Av
VO = 0.3 V
70
80
dB
Unity gain
funity
VO = 0.3 V
1.5
MHz
Maximum output voltage (
+)
VOM
+
IO =
−45
µ A1.6
2
V
Maximum output voltage (
−)
VOM
IO = 45
µ A
0.02
0.5
V
Output sink current
IOsink
VFB = 0.5 V
0.8
1.4
mA
Error
Amplifier
section
Output source current
IOsource
VFB = 1.6 V
−70
−45
µ A
Drain cutoff current
ILEAK
VO = 30 V
100
µ A
Output ON voltage
VOL
RL = 150
0.2
0.6
V
Rise time
tr
RL = 150
50
ns
Output
section
Fall time
tf
RL = 150
60
ns
Input sense voltage
VTH
0.5
0.63
0.75
V
UV sense voltage
VUV
0.6
0.8
0.95
V
Source current on short-circuiting
IOUV
1.0
1.6
2.5
µ A
Short-circuit
Protection
section
Delay time
tDLY
CDLY = 0.1
µ F50
ms
Overall
Circuit operation current
ICC
VCC = 3 V
1.4
2.2
3.7
mA
Caution Connect a capacitor of 0.01 to 10
µµµµ F to the VREF pin.
CREF = 0.01 to 10 F
µ
µPC1934
16
8


Similar Part No. - UPC1934

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPC1934GR-1JG RENESAS-UPC1934GR-1JG Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPC1934GR-PJG RENESAS-UPC1934GR-PJG Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC1934

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
   DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
Rohm
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
logo
New Japan Radio
NJM2340 NJRC-NJM2340 Datasheet
125Kb / 6P
   HIGH PRECISION DC/DC CONVERTER CONTROL IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com