Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDZ6V2WAF Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDZ6V2WAF
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ6V2WAF Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDZ6V2WAF Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ6V2WAF Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ6V2WAF Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ6V2WAF Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ6V2WAF Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 25-NOV-10
KSD-D5C069-001
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Power dissipation
1)
PD
200
mW
Operating junction temperature
TJ
150
C
Storage temperature range
Tstg
-55
℃ to +150C
C
1) Device mounted on FR-4 board with recommended pad layout.
Thermal Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient
1)
Rth(j-a)
625
C/W
1) Device mounted on FR-4 board with recommended pad layout.
Electrical Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Zener voltage
VZ
IZ=5mA
5.93
-
6.47
V
Dynamic impedance
ZZT
IZ=5mA
-
-
10
KNEE dynamic impedance
ZZK
IZ=0.25mA
-
-
1300
Reverse leakage current
IR
VR=4V
-
-
1
A
SDZ6V2WAF


Similar Part No. - SDZ6V2WAF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDZ6V2WA AUK-SDZ6V2WA Datasheet
40Kb / 3P
   Zener Diode
logo
KODENSHI_AUK CORP.
SDZ6V2WA KODENSHI-SDZ6V2WA Datasheet
147Kb / 5P
   Small Signal Zener Diode
More results

Similar Description - SDZ6V2WAF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com