Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73311L Datasheet(PDF) 5 Page - Analog Devices

Part # AD73311L
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311L Datasheet(HTML) 5 Page - Analog Devices

  AD73311L_15 Datasheet HTML 1Page - Analog Devices AD73311L_15 Datasheet HTML 2Page - Analog Devices AD73311L_15 Datasheet HTML 3Page - Analog Devices AD73311L_15 Datasheet HTML 4Page - Analog Devices AD73311L_15 Datasheet HTML 5Page - Analog Devices AD73311L_15 Datasheet HTML 6Page - Analog Devices AD73311L_15 Datasheet HTML 7Page - Analog Devices AD73311L_15 Datasheet HTML 8Page - Analog Devices AD73311L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
REV. A
AD73311L
–5–
t7
t9
t10
t11
t12
THREE-
STATE
THREE-
STATE
THREE-
STATE
SE (I)
SCLK (O)
SDIFS (I)
SDI (I)
SDOFS (O)
SDO (O)
D15
D14
D1
D0
D15
D15
D2
D1
D0
D15
D14
t8
t7
t8
Figure 4. Serial Port (SPORT)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5a. S/(N+D) vs. VIN (ADC @ 3 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5b. S/(N+D) vs. VIN (DAC @ 3 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)


Similar Part No. - AD73311L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
More results

Similar Description - AD73311L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com