Electronic Components Datasheet Search |
|
AD73322L Datasheet(PDF) 4 Page - Analog Devices |
|
AD73322L Datasheet(HTML) 4 Page - Analog Devices |
4 / 48 page AD73322L Rev. A | Page 4 of 48 SPECIFICATIONS AVDD = 3 V ± 10%; DVDD = 3 V ± 10%; DGND = AGND = 0 V, fDMCLK = 16.384 MHz, fSAMP = 8 kHz; TA = TMIN to TMAX, unless otherwise noted. Operating temperature range as follows: A grade, TMIN = −40°C, TMAX = +85°C; Y grade, TMIN = −40°C, TMAX = +105°C. Table 1. A and Y Versions Parameter Min Typ Max Unit Test Conditions/Comments REFERENCE REFCAP Absolute Voltage, VREFCAP 1.08 1.2 1.32 V REFCAP TC 50 ppm/°C 0.1 µF capacitor required from REFCAP to AGND2 REFOUT Typical Output Impedance 130 Ω Absolute Voltage, VREFOUT 1.08 1.2 1.32 V Unloaded Minimum Load Resistance 1 kΩ Maximum Load Capacitance 100 pF INPUT AMPLIFIER Offset ±1.0 mV Maximum Output Swing 1.578 V Max output swing = (1.578/1.2) × VREFCAP Feedback Resistance 50 kΩ fC = 32 kHz Feedback Capacitance 100 pF ANALOG GAIN TAP Gain at Maximum Setting +1 Gain at Minimum Setting −1 Gain Resolution 5 Bits Gain step size = 0.0625 Gain Accuracy ±1.0 % Output unloaded Settling Time 1.0 µs Tap gain change of −FS to +FS Delay 0.5 µs ADC SPECIFICATIONS DAC unloaded Maximum Input Range at VIN1, 2 1.578 V p-p Measured differentially −2.85 dBm Max input = (1.578/1.2) × VREFCAP Nominal Reference Level at VIN 1.0954 V p-p Measured differentially (0 dBm0) −6.02 dBm Absolute Gain PGA = 0 dB −2.0 −0.7 +0.5 dB 1.0 kHz, 0 dBm0 Gain Tracking Error ±0.1 dB 1.0 kHz, +3 dBm0 to −50 dBm0 Signal-to-Noise and Distortion Refer to Figure 9 PGA = 0 dB 70 78 dB 300 Hz to 3400 Hz; fSAMP = 8 kHz, PUIA = 0 79 dB 300 Hz to 3400 Hz; fSAMP = 8 kHz, PUIA = 1 77.5 dB 0 Hz to fSAMP/2; fSAMP = 8 kHz Total Harmonic Distortion PGA = 0 dB −86 −75 dB 300 Hz to 3400 Hz; fSAMP = 8 kHz Intermodulation Distortion −61 dB PGA = 0 dB Idle Channel Noise Crosstalk −72 dBm0 PGA = 0 dB ADC-to-DAC −107 dB ADC input signal level: 1.0 kHz, 0 dBm0 DAC input at idle ADC-to-ADC −92 dB ADC1 input signal level: 1.0 kHz, 0 dBm0 ADC2 input at idle; input amplifiers bypassed −93 dB Input amplifiers included in input channel DC Offset −20 0 +20 mV PGA = 0 dB Power Supply Rejection Ratio −65 dB Input signal level at AVDD and DVDD pins: 1.0 kHz, 100 mV p-p sine wave |
Similar Part No. - AD73322L_15 |
|
Similar Description - AD73322L_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |