Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APBL3025SRQGCPR-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APBL3025SRQGCPR-F01
Description  3.0x2.5mm SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBL3025SRQGCPR-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  APBL3025SRQGCPR-F01_15 Datasheet HTML 1Page - Kingbright Corporation APBL3025SRQGCPR-F01_15 Datasheet HTML 2Page - Kingbright Corporation APBL3025SRQGCPR-F01_15 Datasheet HTML 3Page - Kingbright Corporation APBL3025SRQGCPR-F01_15 Datasheet HTML 4Page - Kingbright Corporation APBL3025SRQGCPR-F01_15 Datasheet HTML 5Page - Kingbright Corporation APBL3025SRQGCPR-F01_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF1333
REV NO: V.5A
DATE: FEB/07/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203000916
3.0x2.5mm SURFACE MOUNT LED LAMP
Part Number: APBL3025SRQGCPR-F01
Super Bright Red
Green
Features
3.0mmx2.5mm SMT LED, 1.4mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for back light and indicator.
Inner lens type.
Moisture sensitivity level : level 3.
Package : 2000pcs / reel.
RoHS compliant.
Descriptions
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APBL3025SRQGCPR-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBL3025SRQGCPR-F01 KINGBRIGHT-APBL3025SRQGCPR-F01 Datasheet
160Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APBL3025SRQGCPR-F01 TO-GRACE-APBL3025SRQGCPR-F01 Datasheet
1Mb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - APBL3025SRQGCPR-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKB3025SURKMGK-F01 KINGBRIGHT-APKB3025SURKMGK-F01 Datasheet
157Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025EYC-F01 KINGBRIGHT-APBL3025EYC-F01 Datasheet
352Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APB3025CGKQWDF TO-GRACE-APB3025CGKQWDF Datasheet
1Mb / 7P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025EYC-F01 TO-GRACE-APB3025EYC-F01 Datasheet
964Kb / 4P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025ESGC-F01 TO-GRACE-APBL3025ESGC-F01 Datasheet
1Mb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025SYKQWDF-AMT TO-GRACE-APB3025SYKQWDF-AMT Datasheet
2Mb / 9P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APB3025SRQGCPRV-F01 KINGBRIGHT-APB3025SRQGCPRV-F01 Datasheet
154Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025SURKCGKC-F01 KINGBRIGHT-APB3025SURKCGKC-F01 Datasheet
327Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKBBA57W-1 SUNLED-ZMDKBBA57W-1 Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
ZMDKVG57W-1 SUNLED-ZMDKVG57W-1 Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com