Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73360L Datasheet(PDF) 11 Page - Analog Devices

Part # AD73360L
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360L Datasheet(HTML) 11 Page - Analog Devices

Back Button AD73360L_15 Datasheet HTML 7Page - Analog Devices AD73360L_15 Datasheet HTML 8Page - Analog Devices AD73360L_15 Datasheet HTML 9Page - Analog Devices AD73360L_15 Datasheet HTML 10Page - Analog Devices AD73360L_15 Datasheet HTML 11Page - Analog Devices AD73360L_15 Datasheet HTML 12Page - Analog Devices AD73360L_15 Datasheet HTML 13Page - Analog Devices AD73360L_15 Datasheet HTML 14Page - Analog Devices AD73360L_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. 0
AD73360L
–11–
Table IV. Control Word Description
15
14
13
12
11
10
9876543210
C/
D
R/
W
DEVICE ADDRESSS
REGISTER ADDRESS
REGISTER DATA
Control
Frame
Description
Bit 15
Control/
Data
When set high, it signifies a control word in Program or Mixed Program/Data Modes. When set
low, it signifies an invalid control word in Program Mode.
Bit 14
Read/
Write
When set low, it tells the device that the data field is to be written to the register selected by the
register field setting provided the address field is zero. When set high, it tells the device that the
selected register is to be written to the data field in the serial register and that the new control
word is to be output from the device via the serial output.
Bits 13–11
Device Address
This 3-bit field holds the address information. Only when this field is zero is a device selected. If
the address is not zero, it is decremented and the control word is passed out of the device via the
serial output.
Bits 10–8
Register Address
This 3-bit field is used to select one of the eight control registers on the AD73360L.
Bits 7–0
Register Data
This 8-bit field holds the data that is to be written to the selected register provided the device
address field is zero.
Table III. Control Register Map
Address (Binary)
Name
Description
Type
Width
Reset Setting (Hex)
000
CRA
Control Register A
R/
W
8
0x00
001
CRB
Control Register B
R/
W
8
0x00
010
CRC
Control Register C
R/
W
8
0x00
011
CRD
Control Register D
R/
W
8
0x00
100
CRE
Control Register E
R/
W
8
0x00
101
CRF
Control Register F
R/
W
8
0x00
110
CRG
Control Register G
R/
W
8
0x00
111
CRH
Control Register H
R/
W
8
0x00
Table V. Control Register A Description
7
654321
0
RESET
DC2
DC1
DC0
SLB
RES
MM
DATA/
PGM
Bit Name
Description
0
DATA/
PGM
Operating Mode (0 = Program; 1 = Data Mode)
1
MM
Mixed Mode (0 = OFF; 1 = Enabled)
2
Reserved
Must Be Programmed to Zero (0)
3
SLB
SPORT Loop-Back Mode (0 = OFF; 1 = Enabled)
4
DC0
Device Count (Bit 0)
5
DC1
Device Count (Bit 1)
6
DC2
Device Count (Bit 2)
7
RESET
Software Reset (0 = OFF; 1 = Initiates Reset)
CONTROL REGISTER A


Similar Part No. - AD73360L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
More results

Similar Description - AD73360L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com