Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD96606 Datasheet(PDF) 4 Page - Analog Devices

Part # AD96606
Description  200 MHz Laser Diode Driver with Light Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD96606 Datasheet(HTML) 4 Page - Analog Devices

  AD96606_15 Datasheet HTML 1Page - Analog Devices AD96606_15 Datasheet HTML 2Page - Analog Devices AD96606_15 Datasheet HTML 3Page - Analog Devices AD96606_15 Datasheet HTML 4Page - Analog Devices AD96606_15 Datasheet HTML 5Page - Analog Devices AD96606_15 Datasheet HTML 6Page - Analog Devices AD96606_15 Datasheet HTML 7Page - Analog Devices AD96606_15 Datasheet HTML 8Page - Analog Devices AD96606_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
AD9660
PIN DESCRIPTIONS
Pin
Function
OUTPUT
Analog laser diode current output. Connect to anode of laser diode, cathode connected to GROUND externally.
BIAS LEVEL
Analog voltage input, VREF to VREF + 1.6 V. Bias current is set proportional to the BIAS LEVEL during calibra-
tion as follows:
I
MONITOR =
V
BIAS LEVEL − VREF
1.85
× R
GAIN + 50 Ω
()
BIAS CAL
TTL/CMOS compatible, Bias loop T/H control signal. Logic HIGH enables calibration mode, and the bias loop
T/H immediately goes into track mode. Logic LOW disables the bias loop T/H and immediately places it in hold
mode. WRITE PULSE should be held logic LOW while calibrating. Floats logic HIGH.
BIAS HOLD
External hold capacitor for the bias loop T/H. Approximate droop in the bias current while BIAS CAL is logic
LOW is: ±∆IBIAS =
18
×10
–9
t
BIAS HOLD
C
BIAS HOLD
. Bandwidth of the loop is: BW =
1
2
π (550 Ω)C
BIAS HOLD
WRITE PULSE
TTL/CMOS compatible, current control signal. Logic HIGH supplies IMODULATION to the laser diode. Logic
LOW turns IMODULATION off. Floats logic HIGH.
WRITE CAL
TTL/CMOS compatible, write loop T/H control signal. Logic HIGH enables calibration mode; before enabling
calibration the bias loop should be calibrated and OFFSET PULSE driven to an appropriate state. In calibration
mode, 13 ns after the WRITE PULSE goes logic HIGH, the write loop T/H goes into track mode (there is no de-
lay if WRITE PULSE is HIGH before WRITE CAL transitions to a HIGH level). The write loop T/H immedi-
ately goes into hold mode when the WRITE PULSE goes Logic LOW. WRITE CAL LOW disables the write
loop T/H and places it in hold mode. Floats logic HIGH.
WRITE LEVEL
Analog voltage input, VREF to VREF +1.6 V. Write current is set proportional to the input voltage during calibra-
tion as follows: IMONITOR =
V
WRITE LEVEL − V REF
1.85
× (R
GAIN + 50 Ω)
WRITE HOLD
External hold capacitor for the write loop T/H. Approximate droop in IMODULATION current while WRITE CAL is
logic LOW is: ±∆IMODULATED =
18
×10
−9
t
WRITE HOLD
C
WRITE HOLD
. Bandwidth of the loop is:
BW
=
1
2
π (550 Ω) C
BIAS HOLD
SENSE IN
Analog current input, IMONITOR, from PIN photo detector diode. SENSE IN should be connected to the cathode
of the PIN diode, with the PIN anode connected to GROUND or a negative voltage. Voltage at SENSE IN var-
ies slightly with temperature and current, but is typically 4.0 V.
GAIN
External connection for the feedback network of the transimpedance amplifier. External feedback network, RGAIN
and CGAIN, should be connected between GAIN and POWER MONITOR. See text for choosing values.
POWER
Output voltage monitor of the internal feedback loop. Voltage is proportional to feedback current from photo
MONITOR
diode.
OFFSET
Set resistor connection for the offset current source. Resistor between OFFSET CURRENT SET and +VS
CURRENT SET determines offset current level. The input voltage at this node varies slightly with temperature and current, but is
typically 1.4 V. See curves. Can also be driven with a current out DAC.
OFFSET
TTL/CMOS compatible, OFFSET current control signal. Logic HIGH adds IOFFSET to IOUT. Logic LOW
PULSE
turns off IOFFSET. Floats logic HIGH.
DISABLE
TTL/CMOS compatible, current output disable circuit. Logic LOW for normal operation; logic HIGH disables
the current outputs to the laser diode, and drives the voltage on the hold capacitors close to VREF (minimizes the
output current when the device is re-enabled). DISABLE floats logic HIGH.
VREF
Analog Voltage Output, internal bandgap voltage reference, ~1.75 V, provided to user for power level offset.
+VS
Positive Power Supply. Nominally +5 V, pin connections should be tied together externally.
GROUND
Ground Reference. All grounds should be tied together externally.


Similar Part No. - AD96606_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD96606_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660 AD-AD9660 Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
logo
List of Unclassifed Man...
I7032 ETC2-I7032 Datasheet
495Kb / 14P
   200 Mbps Laser-Diode Driver
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com