Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK830D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STK830D
Description  Advanced N-Ch Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STK830D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STK830D Datasheet HTML 1Page - KODENSHI_AUK CORP. STK830D Datasheet HTML 2Page - KODENSHI_AUK CORP. STK830D Datasheet HTML 3Page - KODENSHI_AUK CORP. STK830D Datasheet HTML 4Page - KODENSHI_AUK CORP. STK830D Datasheet HTML 5Page - KODENSHI_AUK CORP. STK830D Datasheet HTML 6Page - KODENSHI_AUK CORP. STK830D Datasheet HTML 7Page - KODENSHI_AUK CORP. STK830D Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T6O005-003
2
STK830D
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
V(BR)DSS
ID=250 , VGS=0V
500
-
-
V
Gate threshold voltage
VGS(th)
ID=250 , VDS= VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=500V, VGS=0V
-
-
500
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
Drain-source on-resistance
RDS(on)
VGS=10V, ID=2.25A
-
-
1.5
Ω
Forward transfer conductance
gfs
VDS=10V, ID=2.25A
-
3.3
-
S
Input capacitance
Ciss
-
750
1150
Output capacitance
Coss
-
80
120
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V
f=1 MHz
-
10
15
Turn-on delay time
td(on)
-
12
-
Rise time
tr
-
46
-
Turn-off delay time
td(off)
-
50
-
Fall time
tf
VDD=250V, ID=4.5A
RG=12Ω
-
48
-
Total gate charge
Qg
-
17
26
Gate-source charge
Qgs
-
2.6
4.0
Gate-drain charge
Qgd
VDS=250V, VGS=10V
ID=4.5A
-
5.8
9.0
nC
Source-Drain Diode Ratings and Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Source current (DC)
IS
-
-
4.5
Source current (Pulsed)
ISP
Integral reverse diode
in the MOSFET
-
-
18
A
Forward voltage
VSD
VGS=0V, IS=4.5A
-
-
1.4
V
Reverse recovery time
trr
-
270
-
Reverse recovery charge
Qrr
IS=4.5A, VGS=0V
dIS/dt=100A/
-
2.1
-
μC
Note ;
① Repetitive rating : Pulse width limited by maximum junction temperature
② L=22.2mH, I
AS=4.5A, VDD=50V, RG=27Ω
③ Pulse Test : Pulse width≤ 400 , Duty cycle≤ 2%
④ Essentially independent of operating temperature


Similar Part No. - STK830D

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
KODENSHI_AUK CORP.
STK830F KODENSHI-STK830F Datasheet
418Kb / 8P
   Power MOSFET
logo
AUK corp
STK830FC AUK-STK830FC Datasheet
457Kb / 8P
   Advanced Power MOSFET
STK830P AUK-STK830P Datasheet
398Kb / 8P
   Advanced Power MOSFET
More results

Similar Description - STK830D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
   Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
SMK1060FG KODENSHI-SMK1060FG Datasheet
335Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com