Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP63SRC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP63SRC
Description  T-1 3/4(5mm) SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP63SRC Datasheet(HTML) 2 Page - Kingbright Corporation

  WP63SRC_15 Datasheet HTML 1Page - Kingbright Corporation WP63SRC_15 Datasheet HTML 2Page - Kingbright Corporation WP63SRC_15 Datasheet HTML 3Page - Kingbright Corporation WP63SRC_15 Datasheet HTML 4Page - Kingbright Corporation WP63SRC_15 Datasheet HTML 5Page - Kingbright Corporation WP63SRC_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAF2394
REV NO: V.6A
DATE: JAN/22/2015
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1101006167
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP63SRC
Super Bright Red (GaAlAs)
Water Clear
500
800
*120
*250
30
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Red
655
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Red
1.85
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Red
10
uA
VR = 5V
Parameter
Super Bright Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
155
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
Notes:
1.Wavelength: +/-1nm.
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - WP63SRC_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP63SRC KINGBRIGHT-WP63SRC Datasheet
259Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - WP63SRC_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-7524PWC-H KINGBRIGHT-L-7524PWC-H Datasheet
90Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503GD KINGBRIGHT-WP1503GD_15 Datasheet
319Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LSECK-J3 KINGBRIGHT-WP7113LSECK-J3_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63GT KINGBRIGHT-WP63GT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63SRD KINGBRIGHT-WP63SRD_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63YT KINGBRIGHT-WP63YT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503SRD KINGBRIGHT-WP1503SRD_15 Datasheet
318Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LGD KINGBRIGHT-WP7113LGD_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LID KINGBRIGHT-WP7113LID_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LZGCK KINGBRIGHT-WP7113LZGCK_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com