Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3402 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO3402
Description  N-Channel enhancement mode field effect transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3402 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3402 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3402 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3402 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3402 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250 A, VGS=0V
30
V
VDS=24V, VGS
1
V
0
=
VDS=24V, VGS=0V ,TJ=55
5
Gate-Body leakage current
IGSS
VDS=0V, VGS= 12V
100
nA
V
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
e
t
a
G
GS(th)
VDS=VGS ID=250 A
0.6
1
1.4
V
VGS=10V, ID
5
5
5
4
A
4
=
VGS=10V, ID=4A
TJ=125
66
80
VGS=4.5V, ID
0
7
5
5
A
3
=
m
VGS=2.5V, ID
0
1
1
3
8
A
2
=
m
I
t
n
e
r
r
u
c
n
i
a
r
d
e
t
a
t
s
n
O
D(ON)
VGS=4.5V, VDS
A
0
1
V
5
=
Forward Transconductance
gFS
VDS=5V, ID
S
8
A
4
=
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
iss
390
pF
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
oss
54.5
pF
Reverse Transfer Capacitance
Crss
41
pF
R
e
c
n
a
t
s
i
s
e
r
e
t
a
G
g
VGS=0V, VDS
3
z
H
M
1
=
f
,
V
0
=
Q
e
g
r
a
h
C
e
t
a
G
l
a
t
o
T
g
4.34
nC
Q
e
g
r
a
h
C
e
c
r
u
o
S
e
t
a
G
gs
0.6
nC
Q
e
g
r
a
h
C
n
i
a
r
D
e
t
a
G
gd
1.38
nC
t
e
m
i
T
y
a
l
e
D
n
O
-
n
r
u
T
D(on)
3.3
ns
t
e
m
i
T
e
s
i
R
n
O
-
n
r
u
T
r
1
ns
t
e
m
i
T
y
a
l
e
D
ff
O
-
n
r
u
T
D(off)
21.7
ns
t
e
m
i
T
ll
a
F
ff
O
-
n
r
u
T
f
2.1
ns
Body Diode Reverse Recovery Time
trr
IF=4A, dI/dt=100A/ s
12
ns
Body Diode Reverse Recovery Charge
Qrr
IF=4A, dI/dt=100A/ s
6.3
nC
Maximum Body-Diode Continuous Current
IS
2.5
A
V
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
SD
IS=1A,VGS
V
1
8
.
0
V
0
=
VGS=10V, VDS=15V, RL=3.75 ,RGEN=6
RDS(ON)
Static Drain-Source On-Resistance
IDSS
Zero Gate Voltage Drain Current
A
m
VGS=0V, VDS=15V, f=1MHz
VGS=4.5V, VDS=15V, ID=-4A
AO3402 (KO3402)
Marking
Marking
A2*


Similar Part No. - AO3402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO3402 ETC-AO3402 Datasheet
111Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3402 AOSMD-AO3402 Datasheet
454Kb / 5P
   30V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
AO3402 KERSEMI-AO3402 Datasheet
715Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
GUANGDONG HOTTECH INDUS...
AO3402 HOTTECH-AO3402 Datasheet
335Kb / 4P
   Plastic-Encapsulate Mosfets
logo
Foshan Blue Rocket Elec...
AO3402 FOSHAN-AO3402 Datasheet
895Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results

Similar Description - AO3402

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com