Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP710A10F3C Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP710A10F3C
Description  T-1 (3mm) INFRARED EMITTING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP710A10F3C Datasheet(HTML) 4 Page - Kingbright Corporation

  WP710A10F3C_15 Datasheet HTML 1Page - Kingbright Corporation WP710A10F3C_15 Datasheet HTML 2Page - Kingbright Corporation WP710A10F3C_15 Datasheet HTML 3Page - Kingbright Corporation WP710A10F3C_15 Datasheet HTML 4Page - Kingbright Corporation WP710A10F3C_15 Datasheet HTML 5Page - Kingbright Corporation WP710A10F3C_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAL0499
REV NO: V.4A
DATE: JAN/16/2015
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1101029174
PACKING & LABEL SPECIFICATIONS
WP710A10F3C
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - WP710A10F3C_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP710A10F3C-P22 KINGBRIGHT-WP710A10F3C-P22 Datasheet
725Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
More results

Similar Description - WP710A10F3C_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP34SF7C KINGBRIGHT-WP34SF7C Datasheet
184Kb / 4P
   T-1 (3mm) INFRARED EMITTING DIODE
WP710A10F3C-P22 KINGBRIGHT-WP710A10F3C-P22 Datasheet
725Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
WP7104SF4C KINGBRIGHT-WP7104SF4C Datasheet
407Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
WP7104F3C KINGBRIGHT-WP7104F3C Datasheet
407Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
WP710A10SF4C-P22 KINGBRIGHT-WP710A10SF4C-P22 Datasheet
745Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
WP710A10SF4C KINGBRIGHT-WP710A10SF4C_15 Datasheet
318Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
WP710A10F3BT-P22 KINGBRIGHT-WP710A10F3BT-P22 Datasheet
741Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
WP710A10SF4BT-P22 KINGBRIGHT-WP710A10SF4BT-P22 Datasheet
740Kb / 5P
   T-1 (3mm) Infrared Emitting Diode
L-34F3BT KINGBRIGHT-L-34F3BT Datasheet
51Kb / 3P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34F3C KINGBRIGHT-WP34F3C Datasheet
104Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com