Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP670 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP670
Description  Dual Low Power 1.5 Comparator With 400 mV Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP670 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP670_15 Datasheet HTML 3Page - Analog Devices ADCMP670_15 Datasheet HTML 4Page - Analog Devices ADCMP670_15 Datasheet HTML 5Page - Analog Devices ADCMP670_15 Datasheet HTML 6Page - Analog Devices ADCMP670_15 Datasheet HTML 7Page - Analog Devices ADCMP670_15 Datasheet HTML 8Page - Analog Devices ADCMP670_15 Datasheet HTML 9Page - Analog Devices ADCMP670_15 Datasheet HTML 10Page - Analog Devices ADCMP670_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP670
Rev. A | Page 7 of
16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
OUTA
6
OUTB
2
GND
5
VDD
3
+INA
4
–INB
ADCMP670-1
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTA
Open-Drain Output for Comparator A.
2
GND
Ground.
3
+INA
Monitors analog input voltage on Comparator A. Connected to noninverting input. The other input of Comparator A is
connected to a 400 mV reference.
4
−INB
Monitors analog input voltage on Comparator B. Connected to inverting input. The other input of Comparator B is
connected to a 400 mV reference.
5
VDD
Power Supply Pin.
6
OUTB
Open-Drain Output for Comparator B.


Similar Part No. - ADCMP670_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP670-1AUJ AD-ADCMP670-1AUJ Datasheet
121Kb / 14P
   Dual Comparators with 400mV Reference
Rev. PrB
ADCMP670-1YUJZ-RL7 AD-ADCMP670-1YUJZ-RL7 Datasheet
322Kb / 16P
   Dual Low Power 1.5% Comparator With 400 mV Reference
REV. 0
More results

Similar Description - ADCMP670_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP670 AD-ADCMP670_07 Datasheet
322Kb / 16P
   Dual Low Power 1.5% Comparator With 400 mV Reference
REV. 0
logo
Texas Instruments
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
[Old version datasheet]   Micropower, 18-V Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_18 Datasheet
344Kb / 21P
[Old version datasheet]   Micropower, 18-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower, 18V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 18-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com