Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-674AKN-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI3-674AKN-5
Description  Complete, 12-Bit A/D Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-674AKN-5 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI3-674AKN-5 Datasheet HTML 3Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 4Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 5Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 6Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 7Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 8Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 9Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 10Page - Intersil Corporation HI3-674AKN-5 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6-958
Input Impedance
10V Span
5K,
±25%
20V Span
10K,
±25%
POWER SUPPLIES
Operating Voltage Range
VLOGIC
+4.5 to +5.5
V
VCC
+11.4 to +16.5
V
VEE
-11.4 to -16.5
V
Operating Current
ILOGIC
7 Typ, 15 Max
mA
ICC +15V Supply
11 Typ, 15 Max
mA
IEE -15V Supply
21 Typ, 28 Max
mA
Power Dissipation
±15V, +15V
515 Typ, 720 Max
mW
±12V, +5V
385 Typ
mW
Internal Reference Voltage
TMIN to TMAX
+10.00
±0.05 Max
V
Output current, available for external loads (External load should not
change during conversion).
2.0 Max
mA
Digital Specifications All Models, Over Full Temperature Range
PARAMETER
MIN
TYP
MAX
Logic Inputs (CE, CS, R/C, AO, 412/8)
Logic “1”
+2.4V
-
+5.5V
Logic “0”
-0.5V
-
+0.8V
Current
-
±0.1µA
±5µA
Capacitance
-
5pF
-
Logic Outputs (DB11-DB0, STS)
Logic “0” (ISINK - 1.6mA)
-
-
+0.4V
Logic “1” (ISOURCE - 500µA)
+2.4V
-
-
Logic “1” (ISOURCE - 10µA)
+4.5V
-
-
Leakage (High-Z State, DB11-DB0 Only)
-
±0.1µA
±5µA
Capacitance
-
5pF
-
Timing Specifications (HI-574A) 25oC, Note 2, Unless Otherwise Specified
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONVERT MODE
tDSC
STS Delay from CE
-
-
200
ns
DC and Transfer Accuracy Specifications Typical at 25oC with VCC = +15V or +12V, VLOGIC = +5V, VEE = -15V or -12V,
Unless Otherwise Specified (Continued)
PARAMETER
TEMPERATURE RANGE
-2 (-55oC to 125oC)
UNITS
S SUFFIX
T SUFFIX
U SUFFIX
HI-574A, HI-674A, HI-774


Similar Part No. - HI3-674AKN-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-674AKN-5 INTERSIL-HI3-674AKN-5 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-674AKN-5 INTERSIL-HI3-674AKN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI3-674AKN-5 RENESAS-HI3-674AKN-5 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI3-674AKN-5Z INTERSIL-HI3-674AKN-5Z Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI3-674AKN-5Z RENESAS-HI3-674AKN-5Z Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
More results

Similar Description - HI3-674AKN-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com