Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-674ALN-5 Datasheet(PDF) 14 Page - Intersil Corporation

Part # HI3-674ALN-5
Description  Complete, 12-Bit A/D Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-674ALN-5 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HI3-674ALN-5 Datasheet HTML 10Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 11Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 12Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 13Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 14Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 15Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 16Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 17Page - Intersil Corporation HI3-674ALN-5 Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
6-965
“Stand-Alone Operation”
The simplest control interface calls for a singe control line
connected to R/C. Also, CE and 12/8 are wired high, CS and
AO are wired low, and the output data appears in words of
12 bits each.
The R/C signal may have any duty cycle within (and
including) the extremes shown in Figures 8 and 9. In gen-
eral, data may be read when R/C is high unless STS is also
high, indicating a conversion is in progress. Timing parame-
ters particular to this mode of operation are listed below
under “Stand-Alone Mode Timing”.
Conversion Length
A Convert Start transition (see Table 1) latches the state of
AO, which determines whether the conversion continues for
12 bits (AO low) or stops with 8 bits (AO high). If all 12 bits are
read following an 8-bit conversion, the last three LSBs will
read ZERO and DB3 will read ONE. AO is latched because it
is also involved in enabling the output buffers (see “Reading
the Output Data”). No other control inputs are latched.
Conversion Start
A conversion may be initiated as shown in Table 1 by a logic
transition on any of three inputs: CE, CS or R/C. The last of
the three to reach the correct state starts the conversion, so
one, two or all three may be dynamically controlled. The
nominal delay from each is the same, and if necessary, all
three may change state simultaneously. However, to ensure
that a particular input controls the start of conversion, the
other two should be set up at least 50ns earlier. See the
HI-774 Timing Specifications, Convert Mode.
This variety of HI-X74(A) control modes allows a simple
interface in most system applications. The Convert Start
timing relationships are illustrated in Figure 4.
The output signal STS indicates status of the converter by
going high only while a conversion is in progress. While STS
is high, the output buffers remain in a high impedance state
and data cannot be read. Also, an additional Start Convert
will not reset the converter or reinitiate a conversion while
STS is high.
Reading the Output Data
The output data buffers remain in a high impedance state
until four conditions are met: R/C high, STS low, CE high and
CS low. At that time, data lines become active according to
the state of inputs 12/8 and AO. Timing constraints are
illustrated in Figure 5.
HI-574A STAND-ALONE MODE TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tHRL
Low R/C Pulse Width
50
-
-
ns
tDS
STS Delay from R/C
-
-
200
ns
tHDR
Data Valid after R/C Low
25
-
-
ns
tHS
STS Delay after Data Valid
300
-
1200
ns
tHRH
High R/C Pulse Width
150
-
-
ns
tDDR
Data Access Time
-
-
150
ns
Time is measured from 50% level of digital transitions. Tested with a
50pF and 3k
Ω load.
HI-674A STAND-ALONE MODE TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tHRL
Low R/C Pulse Width
50
-
-
ns
tDS
STS Delay from R/C
-
-
200
ns
tHDR
Data Valid after R/C Low
25
-
-
ns
tHS
STS Delay after Data Valid
25
-
850
ns
tHRH
High R/C Pulse Width
150
-
-
ns
tDDR
Data Access Time
-
-
150
ns
Time is measured from 50% level of digital transitions. Tested with a
50pF and 3k
Ω load.
HI-774 STAND-ALONE MODE TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tHRL
Low R/C Pulse Width
50
-
-
ns
tDS
STS Delay from R/C
-
-
200
ns
tHDR
Data Valid after R/C Low
20
-
-
ns
tHS
STS Delay after Data Valid
-
-
850
ns
tHRH
High R/C Pulse Width
150
-
-
ns
tDDR
Data Access Time
-
-
150
ns
TABLE 1. TRUTH TABLE FOR HI-X74(A) CONTROL INPUTS
CE
CS
R/C
12/8AO
OPERATION
0
XXXX
None
X
1
X
X
X
None
0
0
X
0
Initiate 12-bit conversion
0
0
X
1
Initiate 8-bit conversion
1
0
X
0
Initiate 12-bit conversion
1
0
X
1
Initiate 8-bit conversion
10
X
0
Initiate 12-bit conversion
10
X
1
Initiate 8-bit conversion
1011
X
Enable 12-bit Output
10100
Enable 8 MSBs Only
10101
Enable 4 LSBs Plus 4 Trailing
Zeroes
HI-574A, HI-674A, HI-774


Similar Part No. - HI3-674ALN-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI3-674AJN-5 RENESAS-HI3-674AJN-5 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI3-674AJN-5Z INTERSIL-HI3-674AJN-5Z Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
More results

Similar Description - HI3-674ALN-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com