Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP603 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP603
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP603 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP603_15 Datasheet HTML 1Page - Analog Devices ADCMP603_15 Datasheet HTML 2Page - Analog Devices ADCMP603_15 Datasheet HTML 3Page - Analog Devices ADCMP603_15 Datasheet HTML 4Page - Analog Devices ADCMP603_15 Datasheet HTML 5Page - Analog Devices ADCMP603_15 Datasheet HTML 6Page - Analog Devices ADCMP603_15 Datasheet HTML 7Page - Analog Devices ADCMP603_15 Datasheet HTML 8Page - Analog Devices ADCMP603_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADCMP603
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Voltage Range
VP, VN
VCC = 2.5 V to 5.5 V
−0.5
VCC + 0.2
V
Common-Mode Range
VCC = 2.5 V to 5.5 V
−0.2
VCC + 0.2
V
Differential Voltage
VCC = 2.5 V to 5.5 V
VCC + 0.8
V
Offset Voltage
VOS
−5.0
±2
+5.0
mV
Bias Current
IP, IN
−5.0
±2
+5.0
μA
Offset Current
−2.0
2.0
μA
Capacitance
CP, CN
1.0
pF
Resistance, Differential Mode
−0.5 V to VCC + 0.2 V
200
700
Resistance, Common Mode
−0.2 V to VCC + 0.2 V
100
350
Active Gain
AV
85
dB
VCCI = 2.5 V, VCCO = 2.5 V,
VCM = −0.2 V to +2.7 V
50
dB
Common-Mode Rejection Ratio
CMRR
VCCI = 5.5 V, VCCO = 5.5 V,
VCM = −0.2 V to +5.7 V
50
dB
Hysteresis
RHYS = ∞
0.1
mV
LATCH ENABLE PIN CHARACTERISTICS
VIH
Hysteresis is shut off
2.0
VCC
V
VIL
Latch mode guaranteed
−0.2
+0.4
+0.8
V
IIH
VIH = VCC
−6
+6
μA
IOL
VIL = 0.4 V
−0.1
mA
HYSTERESIS MODE AND TIMING
Hysteresis Mode Bias Voltage
Current sink −1 μA
1.145
1.25
1.35
V
Resistor Value
Hysteresis = 120 mV
65
80
95
Hysteresis Current
Hysteresis = 120 mV
−18
−14
−10
μA
Latch Setup Time
tS
VOD = 50 mV
−2.0
ns
Latch Hold Time
tH
VOD = 50 mV
2.0
ns
Latch-to-Output Delay
tPLOH, tPLOL
VOD = 50 mV
30
ns
Latch Minimum Pulse Width
tPL
VOD = 50 mV
23
ns
SHUTDOWN PIN CHARACTERISTICS
VIH
Comparator is operating
2.0
VCCO
V
VIL
Shutdown guaranteed
−0.2
+0.4
+0.6
V
IIH
VIH = VCC
−6
+6
μA
IOL
VIL = 0 V
−80
μA
Sleep Time
tSD
IOUT < 0.5 mA
20
ns
Wake-Up Time
tH
VOD = 100 mV, output valid
50
ns
DC OUTPUT CHARACTERISTICS
VCCO = 2.5 V to 5.5 V
Output Voltage High Level
VOH
IOH = 8 mA VCCO = 2.5 V
VCC − 0.4
V
Output Voltage High Level −40°C
VOH
IOH = 6 mA VCCO = 2.5 V
VCC − 0.4
V
Output Voltage Low Level
VOL
IOL = 8 mA, VCCO = 2.5 V
0.4
V
Output Voltage Low Level −40°C
VOL
IOL = 6 mA, VCCO = 2.5 V
0.4
V


Similar Part No. - ADCMP603_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP603BCPZ-R2 AD-ADCMP603BCPZ-R2 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP603BCPZ-R7 AD-ADCMP603BCPZ-R7 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP603BCPZ-WP AD-ADCMP603BCPZ-WP Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
More results

Similar Description - ADCMP603_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP604 AD-ADCMP604_15 Datasheet
301Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP602 AD-ADCMP602_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP606 AD-ADCMP606_15 Datasheet
371Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. 0
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com