Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8701 Datasheet(PDF) 5 Page - Analog Devices

Part # ADD8701
Description  12-Channel Gamma Buffers with VCOM Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8701 Datasheet(HTML) 5 Page - Analog Devices

  ADD8701_15 Datasheet HTML 1Page - Analog Devices ADD8701_15 Datasheet HTML 2Page - Analog Devices ADD8701_15 Datasheet HTML 3Page - Analog Devices ADD8701_15 Datasheet HTML 4Page - Analog Devices ADD8701_15 Datasheet HTML 5Page - Analog Devices ADD8701_15 Datasheet HTML 6Page - Analog Devices ADD8701_15 Datasheet HTML 7Page - Analog Devices ADD8701_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
ADD8701
–5–
LOAD CURRENT – mA
100
0.001
0.01
0.1
100
110
10
1
0.1
0.01
VDD = 16V
BUFFERS 11, 12
SOURCE
SINK
TPC 11. Output Voltage to
Supply Rail vs. Load Current
TEMPERATURE – C
12
0
–40
85
25
8
6
2
4
10
VDD = 7V
VDD = 16V
TPC 14. Supply Current vs.
Temperature
FREQUENCY – Hz
100
1k
10M
10k
100k
1M
80
60
–120
40
20
0
–20
–40
–60
–80
–100
PSRR
ALL CHANNELS
VDD = 8V
TA = +25 C
TPC 17. Power Supply Rejection
Ratio vs. Frequency
LOAD CURRENT – mA
10
0.0001
0.01
0.1
100
110
1
0.1
0.01
0.001
VDD = 16V
VCOM
SOURCE
SINK
TPC 12. Output Voltage to
Supply Rail vs. Load Current
FREQUENCY – Hz
20
10
–30
100k
1M
30M
10M
0
–10
–20
VDD = 16V
VCOM AND BUFFERS 1 TO 9
10k
2k
1k
560
150
TPC 15. Frequency Response
vs. Resistive Loading
FREQUENCY – Hz
20
10
–30
100k
1M
30M
10M
0
–10
–20
VDD = 16V
VCOM, BUFFERS 1 TO 9
50pF
1040pF
–40
–50
540pF
100pF
TPC 18. Frequency Response
vs. Capacitive Loading
LOAD CURRENT – mA
100
0.001
0.01
0.1
100
110
10
1
0.1
0.01
VDD = 16V
BUFFER 10
SOURCE
SINK
TPC 10. Output Voltage to
Supply Rail vs. Load Current
SUPPLY VOLTAGE – V
12
10
0
04
16
812
6
2
4
8
VCM = 1/2 VDD
TPC 13. Supply Current vs.
Supply Voltage
FREQUENCY – Hz
20
10
–30
100k
1M
30M
10M
0
–10
–20
VDD = 16V
BUFFERS 10 TO 12
10k
2k
1k
560
150
TPC 16. Frequency Response
vs. Resistive Loading


Similar Part No. - ADD8701_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701ACP AD-ADD8701ACP Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results

Similar Description - ADD8701_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com