Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDT86244 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDT86244
Description  N-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDT86244 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FDT86244 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDT86244 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDT86244 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDT86244 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd FDT86244 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel Enhancement MOSFET
FDT86244
Features
VDS (V) = 150V
ID = 2.8 A (VGS = 10V)
RDS(ON) < 285mΩ (VGS = 10V)
RDS(ON) < 305mΩ (VGS = 6V)
S
G
D
D
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
150
VGS
±20
Ta=25℃
2.8
12
Ta=25℃
2.2
Ta=25℃
1.0
EAS
12
mJ
RthJA
55
RthJC
12
TJ
150
Tstg
-55 to 150
W
/W
Single Pulsed Avalanche Energy
(Note.3)
Junction Temperature
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
V
A
Storage Temperature Range
PD
Power Dissipation
Thermal Resistance.Junction- to-Ambient
Thermal Resistance.Junction- to-Case
(Note.1)
(Note.2)
Note1: 55 °C/W when mounted on a 1 in 2 pad of 2 oz copper
Note2: 118 °C/W when mounted on a minimum pad of 2 oz copper
Note3: Starting TJ = 25 °C; N-ch: L = 1 mH, IAS = 5 A, VDD = 135 V, VGS = 10 V.
(Note.1)
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Gate
2.Drain
3.Source
4.Drain
4
1
2
3
0.250
Gauge Plane


Similar Part No. - FDT86244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
   N-Channel Power Trench MOSFET
logo
Skyworks Solutions Inc.
FDT86244 SKYWORKS-FDT86244 Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
FDT86244 SKYWORKS-FDT86244 Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - FDT86244

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com