Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7805Z Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRF7805Z
Description  N-Channel Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF7805Z Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF7805Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Threshold Voltage Vs. Temperature
25
50
75
100
125
150
TJ , Junction Temperature (°C)
0
4
8
12
16
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i/Ri
Ci= τ
i/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W) τ
i (sec)
1.081
0.000437
12.880
0.213428
24.191
2.335
11.862
52
Typical Characterisitics
N-Channel Enhancement MOSFET
IRF7805Z (KRF7805Z)


Similar Part No. - IRF7805Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805Z IRF-IRF7805Z Datasheet
270Kb / 10P
   HEXFET Power MOSFET
IRF7805ZGPBF IRF-IRF7805ZGPBF Datasheet
294Kb / 10P
   HEXFETPower MOSFET
IRF7805ZGTRPBF IRF-IRF7805ZGTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
270Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
More results

Similar Description - IRF7805Z

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com