Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2306DS-HF-3 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2306DS-HF-3
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2306DS-HF-3 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2306DS-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2306DS-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2306DS-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2306DS-HF-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
SMD Type
IC
www.kexin.com.cn
3
SMD Type
MOSFET
0
4
8
12
16
0
1
2
3
4
5
0.0
0.1
0.2
0.3
0.4
0.5
0
4
8
12
16
0
4
8
12
16
0
2
4
6
8
10
0
2
4
6
8
10
0
2
4
6
8
10
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
0
6
12
18
24
30
V GS = 10 thru 5 V
25 C
T C = 125 C
C rss
C oss
C iss
V DS = 15V
ID = 3.5 A
V GS = 10 V
ID = 3.5 A
V GS = 4.5 V
3 thru 1 V
- 55 C
4 V
s
c
it
s
ir
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
s
c
it
s
ir
e
t
c
a
r
a
h
C
t
u
p
t
u
O
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction T emperature
TJ - Junction Temperature ( C)
V GS = 10 V
Typical Characteristics
N-Channel MOSFET
SI2306DS-HF (KI2306DS-HF)


Similar Part No. - SI2306DS-HF-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2306DS-HF KEXIN-SI2306DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - SI2306DS-HF-3

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com