Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2324DS-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2324DS-HF
Description  N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2324DS-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2324DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS-HF Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
100
V
VDS=100V, VGS=0V
1
VDS=100V, VGS=0V, TJ=55℃
10
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
1.2
2.8
V
VGS=10V, ID=1.5A
234
VGS=6V, ID=1A
267
VGS=4.5V, ID=0.5A
278
On State Drain Current
ID(ON)
VGS=4.5V, VDS≥5V
5
A
Forward Transconductance
gFS
VDS=20V, ID=1.5A
2
S
Input Capacitance
Ciss
190
Output Capacitance
Coss
22
Reverse Transfer Capacitance
Crss
13
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
0.3
1.4
2.8
Ω
Total Gate Charge
Qg
5.2
10.4
Gate Source Charge
Qgs
0.75
Gate Drain Charge
Qgd
1.4
Turn-On DelayTime
td(on)
30
45
Turn-On Rise Time
tr
26
39
Turn-Off DelayTime
td(off)
17
26
Turn-Off Fall Time
tf
12
20
Body Diode Reverse Recovery Time
trr
IF= 1.3A, dI/dt= 100A/μs
22
33
Body Diode Reverse Recovery Charge
Qrr
IF= 1.3A, dI/dt= 100A/μs
21
32
nC
Maximum Body-Diode Continuous Current
IS
2.1
A
Diode Forward Voltage
VSD
IS=1.3A,VGS=0V
0.8
1.2
V
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
VGS=4.5V, VDS=50V, RL=39Ω,RGEN=1Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=50V, f=1MHz
VGS=4.5V, VDS=50V, ID=1.6A
2
SMD
Type
IC
SMD Type
MOSFET
Marking
Marking
D4* F
a.Pulse test ; pulse width ≤300 μs,duty cycle≤2%
a
a
a
N-Channel MOSFET
SI2324DS-HF (KI2324DS-HF)
www.kexin.com.cn


Similar Part No. - SI2324DS-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2324DS-HF-3 KEXIN-SI2324DS-HF-3 Datasheet
2Mb / 6P
   N-Channel MOSFET
More results

Similar Description - SI2324DS-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com