Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNN01Z10D Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SNN01Z10D
Description  Logic level N-CH Power MOWFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNN01Z10D Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SNN01Z10D Datasheet HTML 1Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 2Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 3Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 4Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 5Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 6Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 7Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. date: 17-JAN-12
KSD-T6O039-000
www.auk.co.kr
1 of 8
SNN01Z10D
Logic Level N-Ch Power MOSFET
Logic Level Gate Drive Application
Features
 Logic level gate drive
 Max. RDS(ON) = 0.24at VGS = 10V, ID = 0.5A
 Low RDS(on) provides higher efficiency
 ESD protected: 2000V (HBM ±1000V)
 Halogen free and RoHS compliant device
Ordering Information
Part Number
Marking
Package
SNN01Z10D
SNN01Z10
TO-252
Marking Information
Absolute maximum ratings (T
C=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
100
V
Gate-source voltage
VGSS
20
V
Drain current (DC) *
ID
Tc=25C
1
A
Tc=100C
0.63
A
Drain current (Pulsed) *
IDM
4
A
Single pulsed avalanche energy (Note 2)
EAS
35
mJ
Repetitive avalanche current (Note 1)
IAR
1
A
Repetitive avalanche energy (Note 1)
EAR
1.8
mJ
Power dissipation
PD
18
W
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
C
* Limited only maximum junction temperature
TO-252
S
SNN
01Z10
YWW
Column 1, 2: Device Code
Column 3: Production Information
e.g.) YWW
-. YWW: Date Code (year, week)
D
G


Similar Part No. - SNN01Z10D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SNN01Z10Q KODENSHI-SNN01Z10Q Datasheet
610Kb / 8P
   Logic level N-CH Power MOWFET
More results

Similar Description - SNN01Z10D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN630LD KODENSHI-SMN630LD Datasheet
315Kb / 8P
   Logic level N-CH Power MOWFET
SNN01Z10Q KODENSHI-SNN01Z10Q Datasheet
610Kb / 8P
   Logic level N-CH Power MOWFET
SMN04L20D KODENSHI-SMN04L20D Datasheet
423Kb / 8P
   Logic level N-CH Power MOWFET
SMN04L20IS KODENSHI-SMN04L20IS Datasheet
440Kb / 8P
   Logic level N-CH Power MOWFET
SMN01L20Q KODENSHI-SMN01L20Q Datasheet
438Kb / 8P
   Logic level N-CH Power MOWFET
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N06G CHAMP-CMT60N06G Datasheet
478Kb / 7P
   N-CHANNEL Logic Level Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com