Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNN3010Q Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # SNN3010Q
Description  Advanced N-Ch Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNN3010Q Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

  SNN3010Q Datasheet HTML 1Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 2Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 3Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 4Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 5Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 6Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 7Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 8Page - KODENSHI_AUK CORP. SNN3010Q Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. date: 24-NOV-11
KSD-T5A012-000
www.auk.co.kr
8 of 9
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.
SNN0310Q


Similar Part No. - SNN3010Q

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SNN3100L10B KODENSHI-SNN3100L10B Datasheet
440Kb / 8P
   100V Fast Switching MOSFETs
SNN3100L10NN KODENSHI-SNN3100L10NN Datasheet
398Kb / 8P
   N-Ch Enhancement Mode MOSFET
SNN3100L10Q KODENSHI-SNN3100L10Q Datasheet
455Kb / 8P
   100V Fast Switching MOSFETs
SNN3515D KODENSHI-SNN3515D Datasheet
319Kb / 8P
   N-CHannel Enhancement Mode MOSFET
SNN3530BNL KODENSHI-SNN3530BNL Datasheet
422Kb / 8P
   N-ch 30V Fast Switching MOSFETs
More results

Similar Description - SNN3010Q

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
   Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
SMK1060FG KODENSHI-SMK1060FG Datasheet
335Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com