Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5634 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5634
Description  High Performance Programmable Phase-Locked Loop for LCD Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5634 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5634 Datasheet HTML 2Page - Intersil Corporation HI5634 Datasheet HTML 3Page - Intersil Corporation HI5634 Datasheet HTML 4Page - Intersil Corporation HI5634 Datasheet HTML 5Page - Intersil Corporation HI5634 Datasheet HTML 6Page - Intersil Corporation HI5634 Datasheet HTML 7Page - Intersil Corporation HI5634 Datasheet HTML 8Page - Intersil Corporation HI5634 Datasheet HTML 9Page - Intersil Corporation HI5634 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Specific Layout Guidelines
1. Digital Supply (VDDD) - Bypass pin 1 (VDDD) to pin 2
(VSSD) with 4.7
µF and 0.1µF capacitors, located as
close as possible to the pins. Traces must be maximally
wide and include multiple surface-etched vias to the ap-
propriate plane.
2. External Loop Filter - The use of an external loop filter
is strongly recommended in all designs. Locate loop fil-
ter components as close to pins 8 and 9 (EXTFIL and EX-
TFILRET) as possible. Typical loop filter values are 6.8k
for the series resistor, 3300pF RF-type capacitor for the se-
ries capacitor, and 150pF for the shunt capacitor.
3. Analog PLL Supply (VDDA) - Decouple pin 10 (VDDA)
with a series ferrite bead. Bypass the supply end of the
bead with 4.7
µF and 0.1µF capacitors. Bypass pin 10 to
pin 11 (VSSA) with a 0.1
µF capacitor. Locate these com-
ponents as close as possible to the pins. Traces must be
maximally wide and have multiple surface-etched vias to
the power or ground planes.
4. PECL Current Set Resistor - Locate PECL current set
resistor as close as possible to pin 24 (IREF). Bypass pin
24 to ground with a 0.1
µF capacitor.
5. PECL Outputs - Implement these outputs as microstrip
transmission lines. The trace widths shown are for 75
characteristic impedance, presuming 0.067 in. between
layers. Locate the optional series “snubbing” resistors as
close as possible to the pins. If the termination resistors
are included on-board, locate them as close as possible
to the load and connect directly to the power and ground
planes (these termination resistors are omitted if the load
device implements them internally).
6. Output Driver Supply (VDDQ) - Bypass pin 18 (VDDQ)
to pin 19 (VSSQ) with 4.7
µF and 0.1µF capacitors, locat-
ed as close as possible to the pins. Traces must be max-
imally wide and include multiple surface-etched vias to
the appropriate plane.
7. SSTL_3 Outputs - SSTL_3 outputs can be used like con-
ventional CMOS rail-to-rail logic or as a terminated trans-
mission line system at higher-output frequencies. With
terminated outputs, the considerations of item 5, “PECL
Outputs” apply. See JEDEC documents JESD8-A and
JESD8-8.
Power Supply Considerations
The HI5634 incorporates special internal power-on-reset
circuitry that requires no external reset signal connection.
The supply voltage (VDD) must remain within the
recommended operating conditions during normal operation.
To reset the HI5634, the supply voltage at the part must be
reduced below the threshold voltage (VTH) of the power-on-
reset circuit. The supply voltage must remain below that
threshold voltage such that board power conditioning
capacitors are drained and the proper reset state is latched.
The amount of time (tD) to hold the voltage in a reset state
varies with the design. However, a typical value of 10ms
should be sufficient.
SSTL_3 Outputs
Unterminated Outputs
In the HI5634, unterminated SSTL output pins display
exponential transitions similar to those of rectangular pulses
presented to RC loads. The 10-90% rise time is typically
1.6ns, and the corresponding fall time is typically 700ps. In
turn, this asymmetry contributes to duty cycle asymmetry at
higher output frequencies. In the absence of significant load
capacitance (which can further increase rise and fall time),
this asymmetry is the dominant factor determining high
frequency performance of these single-ended outputs.
Typically, no termination is required for the LOCK/REF,
FUNC, and CLK/2 outputs nor for CLK outputs up to
approximately 135MHz.
Terminated Outputs
SSTL_3 outputs are intended to terminate in low
impedances to reduce the effect of external circuit
capacitance. Use of transmission line techniques enables
use of longer traces between source and driver without
increasing ringing due to reflections. Where external
capacitance is minimal and substantial voltage swing is
required to meet LVTTL VIH and VIL requirements, the
intrinsic rise and fall times of HI5634 SSTL outputs are only
slightly improved by termination in a low impedance.
The HI5634 SSTL output source impedance is typically less
than 60
Ω. Termination impedance of 100Ω reduces output
swing by less than 30% which is more than enough to drive
a single load of LVTTL inputs.
VMIN
VTH = 1.8V
tD
VDD
HI5634
SINGLE
LVTTL
LOAD
SSTL_3 OUTPUT
VDD
330
150
HI5634


Similar Part No. - HI5634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5634CB INTERSIL-HI5634CB Datasheet
901Kb / 16P
   High Performance Programmable Phase-Locked Loop for LCD Applications
HI5634 INTERSIL-HI5634_00 Datasheet
901Kb / 16P
   High Performance Programmable Phase-Locked Loop for LCD Applications
More results

Similar Description - HI5634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5634 INTERSIL-HI5634_00 Datasheet
901Kb / 16P
   High Performance Programmable Phase-Locked Loop for LCD Applications
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com