Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP793SRD-J4 Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP793SRD-J4
Description  8mm ROUND LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP793SRD-J4 Datasheet(HTML) 4 Page - Kingbright Corporation

  WP793SRD-J4_15 Datasheet HTML 1Page - Kingbright Corporation WP793SRD-J4_15 Datasheet HTML 2Page - Kingbright Corporation WP793SRD-J4_15 Datasheet HTML 3Page - Kingbright Corporation WP793SRD-J4_15 Datasheet HTML 4Page - Kingbright Corporation WP793SRD-J4_15 Datasheet HTML 5Page - Kingbright Corporation WP793SRD-J4_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAM7527
REV NO: V.2A
DATE: JAN/20/2015
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1101032242
PACKING & LABEL SPECIFICATIONS
WP793SRD/J4
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - WP793SRD-J4_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP793SRD-J4 KINGBRIGHT-WP793SRD-J4 Datasheet
339Kb / 5P
   8mm Round LED Lamp
More results

Similar Description - WP793SRD-J4_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-793ID KINGBRIGHT-L-793ID Datasheet
61Kb / 3P
   8mm ROUND LED LAMP
WP793SRD-G KINGBRIGHT-WP793SRD-G Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-J4 KINGBRIGHT-WP793SRC-J4 Datasheet
338Kb / 5P
   8mm Round LED Lamp
WP793GD KINGBRIGHT-WP793GD Datasheet
260Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-E KINGBRIGHT-WP793SRC-E Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-D KINGBRIGHT-WP793SRC-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-D KINGBRIGHT-WP793SRD-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-E KINGBRIGHT-WP793SRD-E_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-H KINGBRIGHT-WP793SRD-H Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
logo
SunLED Corporation
LM2BG81W SUNLED-LM2BG81W Datasheet
180Kb / 4P
   8mm ROUND LED LAMP
LUS81D SUNLED-LUS81D Datasheet
179Kb / 4P
   8mm ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com