Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7757 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 1 Page - Analog Devices

  ADE7757_15 Datasheet HTML 1Page - Analog Devices ADE7757_15 Datasheet HTML 2Page - Analog Devices ADE7757_15 Datasheet HTML 3Page - Analog Devices ADE7757_15 Datasheet HTML 4Page - Analog Devices ADE7757_15 Datasheet HTML 5Page - Analog Devices ADE7757_15 Datasheet HTML 6Page - Analog Devices ADE7757_15 Datasheet HTML 7Page - Analog Devices ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADE7757*
Energy Metering IC
with Integrated Oscillator
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
On-Chip Oscillator as Clock Source
High Accuracy, Supposes 50 Hz/60 Hz IEC 521/IEC 61036
Less than 0.1% Error over a Dynamic Range of 500 to 1
The ADE7757 Supplies Average Real Power on the
Frequency Outputs F1 and F2
The High Frequency Output CF Is Intended for
Calibration and Supplies Instantaneous Real Power
The Logic Output REVP Can Be Used to Indicate a
Potential Miswiring or Negative Power
Direct Drive for Electromechanical Counters and
2-Phase Stepper Motors (F1 and F2)
Proprietary ADCs and DSP Provide High Accuracy over
Large Variations in Environmental Conditions and
Time
On-Chip Power Supply Monitoring
On-Chip Creep Protection (No Load Threshold)
On-Chip Reference 2.5 V (20 ppm/ C Typical)
with External Overdrive Capability
Single 5 V Supply, Low Power (20 mW Typical)
Low Cost CMOS Process
AC Input Only
FUNCTIONAL BLOCK DIAGRAM
MULTIPLIER
REVP
V2P
V2N
V1P
HPF
RCLKIN
REFIN/OUT
F1
F2
CF
SCF
S0
S1
PHASE
CORRECTION
4k
...110101...
SIGNAL
PROCESSING
BLOCK
POWER
SUPPLY MONITOR
-
ADC
V1N
ADE7757
...11011001...
LPF
2.5V
REFERENCE
DIGITAL-TO-FREQUENCY
CONVERTER
VDD
AGND
DGND
-
ADC
INTERNAL
OSCILLATOR
GENERAL DESCRIPTION
The ADE7757 is a high accuracy electrical energy measurement
IC. It is a pin reduction version of the ADE7755 with an enhance-
ment of a precise oscillator circuit that serves as a clock source
to the chip. The ADE7757 eliminates the cost of an external
crystal or resonator, thus reducing the overall cost of a meter
*U.S. Patents
built with this IC. The chip directly interfaces with the shunt
resistor and operates only with ac input.
The ADE7757 specifications surpass the accuracy requirements
as quoted in the IEC 61036 standard. The AN-679 Application
Note can be used as a basis for a description of an IEC 61036
low cost watt-hour meter reference design.
The only analog circuitry used in the ADE7757 is in the -
ADCs and reference circuit. All other signal processing (e.g.,
multiplication and filtering) is carried out in the digital domain.
This approach provides superior stability and accuracy over
time and extreme environmental conditions.
The ADE7757 supplies average real power information on the
low frequency outputs F1 and F2. These outputs may be used
to directly drive an electromechanical counter or interface with
an MCU. The high frequency CF logic output, ideal for calibra-
tion purposes, provides instantaneous real power information.
The ADE7757 includes a power supply monitoring circuit on
the VDD supply pin. The ADE7757 will remain inactive until
the supply voltage on VDD reaches approximately 4 V. If the
supply falls below 4 V, the ADE7757 will also remain inactive
and the F1, F2, and CF outputs will be in their nonactive modes.
Internal phase matching circuitry ensures that the voltage and
current channels are phase matched while the HPF in the cur-
rent channel eliminates dc offsets. An internal no-load threshold
ensures that the ADE7757 does not exhibit creep when no load
is present.
The ADE7757 is available in a 16-lead SOIC narrow-body package.
5,745,323; 5,760,617; 5,862,069; 5,872,469.


Similar Part No. - ADE7757_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7757ARN AD-ADE7757ARN Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
ADE7757EB AD-ADE7757EB Datasheet
820Kb / 11P
   Evaluation Board Documentation ADE7757 Energy Metering IC
REV. PrF
More results

Similar Description - ADE7757_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE7769 AD-ADE7769 Datasheet
389Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
AD71056 AD-AD71056 Datasheet
412Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
   Energy Metering IC
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
   Energy Metering IC with Autocalibration
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
   Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com