Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4001BRU-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4001BRU-REEL7
Description  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4001BRU-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4001BRU-REEL7 Datasheet HTML 5Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 6Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 9Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 10Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 11Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 12Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REV.
ADF4001
–9–
Table IV. N Counter Latch Map
THESE BITS ARE NOT USED
BY THE DEVICE AND ARE
DON’T CARE BITS.
F4 (FUNCTION LATCH)
FASTLOCK ENABLE
CP GAIN
OPERATION
0
0CHARGE PUMP CURRENT SETTING
1 IS PERMANENTLY USED
0
1CHARGE PUMP CURRENT SETTING
2 IS PERMANENTLY USED
1
0CHARGE PUMP CURRENT SETTING
1 IS USED
1
1CHARGE PUMP CURRENT IS
SWITCHED TO SETTING 2. THE
TIME SPENT IN SETTING 2 IS
DEPENDENT ON WHICH FASTLOCK
MODE IS USED. SEE FUNCTION
LATCH DESCRIPTION.
N13
N12
N11
N3
N2
N1
N COUNTER DIVIDE RATIO
000
..........
0011
000
..........
0102
000
..........
0113
000
..........
1004
...
..........
....
...
..........
....
...
..........
....
111
..........
100
8188
111
..........
101
8189
111
..........
110
8190
111
..........
111
8191
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0)
C1 (1)
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
CONTROL
BITS
RESERVED
13-BIT N COUNTER
DB21
RESERVED
DB22
DB23
G1
X = DON’T CARE
X
X
X
XX
X
X
X
B


Similar Part No. - ADF4001BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001BRU-REEL7 AD-ADF4001BRU-REEL7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Similar Description - ADF4001BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com