Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4001BRU-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4001BRU-REEL7
Description  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4001BRU-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4001BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 9Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 10Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 11Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 12Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 13Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 14Page - Analog Devices ADF4001BRU-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
REV.
ADF4001
–11–
Table VI. Initialization Latch Map
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1) C1 (1)
F1
PD1
M1
M2
M3
F3
CPI1
CPI2
CPI5
CPI6
TC4
PD2
F2
CONTROL
BITS
MUXOUT
CONTROL
CURRENT
SETTING
1
TIMER COUNTER
CONTROL
CPI3
CPI4
DB21
CURRENT
SETTING
2
TC3
TC2
TC1
DB22
DB23
F4
F5
RESERVED
CE PIN
PD2
PD1
MODE
0
XXASYNCHRONOUS POWER-DOWN
1X
0NORMAL OPERATION
101ASYNCHRONOUS POWER-DOWN
111SYNCHRONOUS POWER-DOWN
CPI6
CPI5
CP14
ICP (mA)
CPI3
CPI2
CPI1
2.7k
4.7k
10k
000
1.088
0.625
0.294
001
2.176
1.25
0.588
010
3.264
1.875
0.882
011
4.352
2.5
1.176
100
5.44
3.125
1.47
101
6.528
3.75
1.764
110
7.616
4.375
2.058
111
8.704
5.0
2.352
TIMEOUT
TC4
TC3
TC2
TC1
(PFD CYCLES)
00003
00017
0010
11
0011
15
0100
19
0101
23
0110
27
0111
31
1000
35
1001
39
1010
43
1011
47
1100
51
1101
55
1110
59
1111
63
F4
F5
FASTLOCK MODE
0X
FASTLOCK DISABLED
10
FASTLOCK MODE 1
11
FASTLOCK MODE 2
F3
CHARGE PUMP OUTPUT
0NORMAL
1THREE-STATE
M3
M2
M1
OUTPUT
000
THREE-STATE OUTPUT
001DIGITAL LOCK DETECT
010
N DIVIDER OUTPUT
011
AVDD
100
R DIVIDER OUTPUT
101
N-CHANNEL OPEN-DRAIN
LOCK DETECT
110SERIAL DATA OUTPUT
111
DGND
PHASE DETECTOR
F2
POLARITY
0NEGATIVE
1POSITIVE
COUNTER
F1
OPERATION
0
NORMAL
1
R, N COUNTER
HELD IN RESET
X = DON’T CARE
XX
B


Similar Part No. - ADF4001BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001BRU-REEL7 AD-ADF4001BRU-REEL7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Similar Description - ADF4001BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com