Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4001BCPZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4001BCPZ-RL7
Description  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4001BCPZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

  ADF4001BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4001BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADF4001
Rev. B | Page 4
PIN CONFIGURATIONS
TSSOP
LFCSP
Table 1. Pin Function Descriptions
TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump
output current. The nominal voltage potential at the RSET pin is 0.66 V. The relationship
between ICP and RSET is
SET
MAX
CP
R
I
5
.
23
So, with RSET = 4.7 kΩ, ICP MAX = 5 mA.
2
20
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter which,
in turn, drives the external VCO or VCXO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the N counter. This point must be decoupled to the ground
plane with a small bypass capacitor, typically 100 pF. See Figure 3.
6
5
RFINA
Input to the N counter. This small signal input is ac-coupled to the external VCO or VCXO.
7
6, 7
AVDD
Analog Power Supply. This ranges from 2.7 V to 5.5 V. Decoupling capacitors to the
analog ground plane should be placed as close as possible to this pin. AVDD must have the
same value as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc
equivalent input resistance of 100 kΩ. See Figure 2. This input can be driven from a TTL
or CMOS crystal oscillator or can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump
output into three-state mode. Taking the pin high will power up the device, depending on
the status of the power-down bit F2.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The
data is latched into the 24-bit shift register on the CLK rising edge. This input is a high
impedance CMOS input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control
bits. This input is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is
loaded into one of the four latches, the latch being selected by using the control bits.
14
15
MUXOUT
This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference
frequency to be accessed externally.
15
16, 17
DVDD
Digital Power Supply. This ranges from 2.7 V to 5.5 V. Decoupling capacitors to the
digital ground plane should be placed as close as possible to this pin. DVDD must be the
same value as AVDD.
16
18
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems
where VDD is 3 V, it can be set to 5 V and used to drive a VCO or VCXO with a tuning
range of up to 5 V.
N/A
EP
EPAD
Exposed Pad. The exposed pad should be connected to AGND.
RSET
CP
CPGND
AGND
RFINB
RFINA
AVDD
REFIN
LE
MUXOUT
DVDD
VP
CE
CLK
DATA
DGND
NOTES
1. TRANSISTOR COUNT 6425 (CMOS)
AND 50 (BIPOLAR).
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
ADF4001
16
15
14
13
12
11
10
9
AGND
MUXOUT
LE
DATA
CLK
CE
CPGND
AGND
RFINB
RFINA
NOTES
1. TRANSISTOR COUNT 6425 (CMOS) AND 50 (BIPOLAR).
2. CONNECT EXPOSED PAD TO AGND.
14
13
12
1
3
4
15
11
2
5
ADF4001
TOP VIEW
(Not to Scale)


Similar Part No. - ADF4001BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001BCPZ-RL7 AD-ADF4001BCPZ-RL7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Similar Description - ADF4001BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com