Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4113HVBRUZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4113HVBRUZ
Description  High Voltage Charge Pump, PLL Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113HVBRUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4113HVBRUZ Datasheet HTML 6Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 7Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 8Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 9Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 10Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 11Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 12Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 13Page - Analog Devices ADF4113HVBRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADF4113HV
Data Sheet
Rev. B | Page 10 of 20
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 17 is a simplified schematic.
The PFD includes a programmable delay element that controls
the width of the antibacklash pulse. This pulse ensures that
there is no dead zone in the PFD transfer function and mini-
mizes phase noise and reference spurs. Two bits in the reference
counter latch, ABP2 and ABP1, control the width of the pulse.
See Figure 20. The only recommended setting for the antiback-
lash pulse width is 7.2 ns.
PROGRAMMABLE
DELAY
U3
CLR2
Q2
D2
U2
CLR1
Q1
D1
CHARGE
PUMP
DOWN
UP
HIGH
HIGH
U1
ABP1
ABP2
R DIVIDER
N DIVIDER
CP OUTPUT
R DIVIDER
N DIVIDER
CP
CPGND
VP
Figure 17. PFD Simplified Schematic and Timing (in Lock)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4113HV allows the user to
access various internal points on the chip. The state of MUXOUT
is controlled by M3, M2, and M1 in the function latch. Figure 22
shows the full truth table (function latch map). Figure 18 shows
the MUXOUT section in block diagram form.
CONTROL
MUX
DVDD
MUXOUT
DGND
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
Figure 18. MUXOUT Circuit
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect.
Digital lock detect is active high. When LDP in the AB counter
latch is set to 0, digital lock detect is set high when the phase
error on five consecutive phase detector (PD) cycles is less than
10 ns. With LDP set to 1, five consecutive cycles of less than
3 ns are required to set the lock detect. It stays high until a phase
error greater than 25 ns is detected on any subsequent PD cycle.
Operate the N-channel, open-drain, analog lock detect with a
10 kΩ nominal external pull-up resistor. When lock has been
detected, this output is high with narrow low-going pulses.
INPUT SHIFT REGISTER
The ADF4113HV digital section includes a 24-bit input shift
register, a 14-bit R counter, and a 19-bit N counter comprising
a 6-bit A counter and a 13-bit B counter. Data is clocked into
the 24-bit shift register on each rising edge of CLK, MSB first.
Data is transferred from the shift register to one of three latches
on the rising edge of LE. The destination latch is determined by
the state of the two control bits (C2, C1) in the shift register.
These are the two LSBs, DB1 and DB0, as shown in Figure 2.
The truth table for these bits is shown in Table 6. Figure 19
shows a summary of how the latches are programmed.
Table 6. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
R counter
0
1
N counter (A and B)
1
0
Function latch (including prescaler)


Similar Part No. - ADF4113HVBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4113HVBRUZ AD-ADF4113HVBRUZ Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
ADF4113HVBRUZ-RL AD-ADF4113HVBRUZ-RL Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
ADF4113HVBRUZ-RL7 AD-ADF4113HVBRUZ-RL7 Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
More results

Similar Description - ADF4113HVBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4113HV AD-ADF4113HV Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com