Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4113HVBCPZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4113HVBCPZ-RL
Description  High Voltage Charge Pump, PLL Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113HVBCPZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4113HVBCPZ-RL Datasheet HTML 3Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 4Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 5Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 6Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 7Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 8Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 9Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 10Page - Analog Devices ADF4113HVBCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADF4113HV
Rev. B | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Loop bandwidth = 25 kHz, reference = 10 MHz reference from Agilent E4440A PSA, VCO = Sirenza VCO190-1500T(Y), evaluation
board = EV-ADF4113HVSDZ1.
FREQ
–UNIT
PARAM
–TYPE
DATA
–FORMAT
KEYWORD
IMPEDANCE
–OHMS
GHz
S
MA
R
50
FREQ
MAGS11
ANGS11
1.05
0.9512
–40.134
1.10
0.93458
–43.747
1.15
0.94782
–44.393
1.20
0.96875
–46.937
1.25
0.92216
–49.6
1.30
0.93755
–51.884
1.35
0.96178
–51.21
1.40
0.94354
–53.55
1.45
0.95189
–56.786
1.50
0.97647
–58.781
1.55
0.98619
–60.545
1.60
0.95459
–61.43
1.65
0.97945
–61.241
1.70
0.98864
–64.051
1.75
0.97399
–66.19
1.80
0.97216
–63.775
FREQ
MAGS11
ANGS11
0.05
0.89207
–2.0571
0.10
0.8886
–4.4427
0.15
0.89022
–6.3212
0.20
0.96323
–2.1393
0.25
0.90566
–12.13
0.30
0.90307
–13.52
0.35
0.89318
–15.746
0.40
0.89806
–18.056
0.45
0.89565
–19.693
0.50
0.88538
–22.246
0.55
0.89699
–24.336
0.60
0.89927
–25.948
0.65
0.87797
–28.457
0.70
0.90765
–29.735
0.75
0.88526
–31.879
0.80
0.81267
–32.681
0.85
0.90357
–31.522
0.90
0.92954
–34.222
0.95
0.92087
–36.961
1.00
0.93788
–39.343
Figure 5. S-Parameter Data for the ADF4113HV RF Input (Up to 1.8 GHz)
0
–45
0
6k
RF INPUT FREQUENCY (MHz)
–5
–10
–15
–20
–25
–30
–35
–40
1k
2k
3k
4k
5k
+25°C
+85°C
–40°C
Figure 6. Input Sensitivity
100
1M
FREQUENCY OFFSET (Hz)
1k
10k
100k
1kHz
–91.08dBc/Hz
–80
–90
–70
–100
–110
–120
–130
–140
–150
–160
–170
CARRIER POWER: –5.09dBm
Figure 7. Integrated Phase Noise
(RF = 1000 MHz, PFD = 1 MHz, VTUNE = 1.8 V, RMS Noise = 0.93°)
5
–95
FREQUENCY (Hz)
–5
–15
–25
–35
–45
–55
–65
–75
–85
1MHz
–92.428dBc
Figure 8. Reference Spurs (RF = 1000 MHz, PFD = 1 MHz)
100
1M
FREQUENCY OFFSET (Hz)
1k
10k
100k
1kHz
–86.33dBc/Hz
–80
–90
–70
–100
–110
–120
–130
–140
–150
–160
–170
CARRIER POWER: –0.88dBm
Figure 9. Integrated Phase Noise
(RF = 1800 MHz, PFD= 1 MHz, VTUNE = 13.1 V, RMS Noise = 1.16°)
0
–100
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
1MHz
–87.264dBc
Figure 10. Reference Spurs (RF = 1800 MHz, PFD = 1 MHz)


Similar Part No. - ADF4113HVBCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4113HVBCPZ-RL AD-ADF4113HVBCPZ-RL Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
ADF4113HVBCPZ-RL7 AD-ADF4113HVBCPZ-RL7 Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
More results

Similar Description - ADF4113HVBCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4113HV AD-ADF4113HV Datasheet
484Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. 0
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com