Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1316 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SM1316
Description  CHip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SM1316 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SM1316 Datasheet HTML 1Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 2Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 3Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AUK CORP.
SM1316
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
1. Features
◆ 1.6mm(L)×0.8mm(W) small size surface mount type
◆ Thin package of 0.55mm(H) thickness
◆ Transparent clear lens optic
◆ Low power consumption type chip led
◆ Emitting Light Yellow Green (570nm)
2. Applications
◆ LCD backlighting
◆ Keypad backlighting
◆ Symbol backlighting
◆ Front panel indicator lamp
3. Outline Dimensions
unit : mm


Similar Part No. - SM1316

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM1316 AUK-SM1316 Datasheet
180Kb / 3P
   Chip LED Lamp
SM1316 AUK-SM1316 Datasheet
200Kb / 5P
   Chip LED
logo
Stealth Microwave, Inc.
SM1316-42L STEALTH_MICROWAVE-SM1316-42L Datasheet
130Kb / 3P
   1300-1600 MHz 16 Watt Ultra Linear Power Amplifier
logo
AUK corp
SM1316-D AUK-SM1316-D Datasheet
263Kb / 4P
   Chip LED Lamp
SM1316-D AUK-SM1316-D Datasheet
201Kb / 5P
   Chip LED
More results

Similar Description - SM1316

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com