Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC2518T330K Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBC2518T330K
Description  Wire-wound Chip Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2518T330K Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CBC2518T330K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Wire-wound Chip Power Inductors (CB series)
CBC2518T330K
Features
Item Summary
33μH(±10%), 270mA, 320mA, 1007
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1007/2518
Inductance
33μH(±10%)
Inductance Measuring Frequency
2.52MHz
Rated Current -Saturation Current
270mA
Rated Current -Temperature Rise Current
320mA
DC Resistance (max)
1.95Ω
Avg. of DC.Resistance
1.5Ω
Self-resonant Frequency (min)
15MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2.5mm ±0.2
W
1.8mm ±0.2
H
1.8mm ±0.2
2015.03.16
1 / 1


Similar Part No. - CBC2518T330K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC2518T330K TAIYO-YUDEN-CBC2518T330K Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2518T330K TAIYO-YUDEN-CBC2518T330K Datasheet
362Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2518T330K8 TAIYO-YUDEN-CBC2518T330K8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC2518T330KV TAIYO-YUDEN-CBC2518T330KV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
CBC2518T330K TAIYO-YUDEN-CBC2518T330K_19 Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
More results

Similar Description - CBC2518T330K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T330M TAIYO-YUDEN-BRL3225T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470K TAIYO-YUDEN-BRL3225T470K Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470M TAIYO-YUDEN-BRL3225T470M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
CB2012T220K TAIYO-YUDEN-CB2012T220K Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com