Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4219L Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4219L
Description  Dual Low Power Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4219L Datasheet(HTML) 3 Page - Analog Devices

  ADF4219L_15 Datasheet HTML 1Page - Analog Devices ADF4219L_15 Datasheet HTML 2Page - Analog Devices ADF4219L_15 Datasheet HTML 3Page - Analog Devices ADF4219L_15 Datasheet HTML 4Page - Analog Devices ADF4219L_15 Datasheet HTML 5Page - Analog Devices ADF4219L_15 Datasheet HTML 6Page - Analog Devices ADF4219L_15 Datasheet HTML 7Page - Analog Devices ADF4219L_15 Datasheet HTML 8Page - Analog Devices ADF4219L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. C
–3–
ADF4217L/ADF4218L/ADF4219L
CLOCK
DATA
LE
LE
t3
t1
t2
t4
t5
t6
DB21 (MSB)
DB20
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
Figure 1. Timing Diagram
BChips
2
Parameter
B Version
1
(Typical)
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
6
RF Phase Noise Floor
7
–171
–171
dBc/Hz typ
@ 30 kHz PFD Frequency
–163
–163
dBc/Hz typ
@ 200 kHz PFD Frequency
IF Phase Noise Floor
7
–167
–167
dBc/Hz typ
@ 30 kHz PFD Frequency
–159
–159
dBc/Hz typ
@ 200 kHz PFD Frequency
Phase Noise Performance
8
@ VCO Output
RF
9
–75
–75
dBc/Hz typ
1.95 GHz Output; 30 kHz PFD
RF
10
–90
–90
dBc/Hz typ
900 MHz Output; 200 kHz PFD
IF
11
–77
–77
dBc/Hz typ
900 MHz Output; 30 kHz PFD
IF
12
–86
–86
dBc/Hz typ
900 MHz Output; 200 kHz PFD
Spurious Signals
Measured at Offset of fPFD/2fPFD
RF
9
–78/–85
–78/–85
dBc typ
RF
10
–80/–84
–80/–84
dBc typ
IF
11
–79/–86
–79/–86
dBc typ
IF
12
–80/–84
–80/–84
dBc typ
NOTES
1Operating temperature range is as follows: B Version: –40
°C to +85°C.
2The BChip specifications are given as typical values.
3This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency
that is less than this value.
4Guaranteed by design. Sample tested to ensure compliance.
5This includes relevant I
P.
6V
DD = 3 V; P = 16/32; IFIN /RFIN for ADF4218L, ADF4219L = 540 MHz/900 MHz.
7The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider value).
8The phase noise is measured with the EVAL-ADF421xEB1 Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN
for the synthesizer. (fREFOUT = 10 MHz @ 0 dBm.)
9f
REFIN = 10 MHz; fPFD = 30 kHz; Offset frequency = 1 kHz; fRF = 1.95 GHz; N = 65000; Loop B/W = 3 kHz
10f
REFIN = 10 MHz; fPFD = 200 kHz; Offset frequency = 1 kHz; f RF = 900 MHz; N = 4500; Loop B/W = 20 kHz
11f
REFIN = 10 MHz; fPFD = 30 kHz; Offset frequency = 1 kHz; fIF = 900 MHz; N = 30000; Loop B/W = 3 kHz
12f
REFIN = 10 MHz; fPFD = 200 kHz; Offset frequency = 1 kHz; f IF = 900 MHz; N = 4500; Loop B/W = 20 kHz
Specifications subject to change without notice.
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
50
ns min
LE Pulsewidth
Guaranteed by design but not production tested.
TIMING CHARACTERISTICS (V
DD1 = VDD2 = 3 V
10%, 5 V
10%; VDD1, VDD2
≤ VP1,
VP2
≤ 6.0 V ; AGNDRF1 = DGNDRF1 = AGNDRF2 = DGNDRF2 = 0 V; TA = TMIN to TMAX, unless otherwise noted.)


Similar Part No. - ADF4219L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4219LBCC AD-ADF4219LBCC Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219LBRU AD-ADF4219LBRU Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
More results

Similar Description - ADF4219L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com