Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7010 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 1 Page - Analog Devices

  ADF7010_15 Datasheet HTML 1Page - Analog Devices ADF7010_15 Datasheet HTML 2Page - Analog Devices ADF7010_15 Datasheet HTML 3Page - Analog Devices ADF7010_15 Datasheet HTML 4Page - Analog Devices ADF7010_15 Datasheet HTML 5Page - Analog Devices ADF7010_15 Datasheet HTML 6Page - Analog Devices ADF7010_15 Datasheet HTML 7Page - Analog Devices ADF7010_15 Datasheet HTML 8Page - Analog Devices ADF7010_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADF7010
High Performance ISM Band
ASK/FSK/GFSK Transmitter IC
FEATURES
Single Chip Low Power UHF Transmitter
902 MHz–928 MHz Frequency Band
On-Chip VCO and Fractional-N PLL
2.3 V–3.6 V Supply Voltage
Programmable Output Power
–16 dBm to +12 dBm, 0.3 dB Steps
Data Rates up to 76.8 kbps
Low Current Consumption
28 mA at 8 dBm Output
Power-Down Mode (<1
A)
24-Lead TSSOP Package
APPLICATIONS
Low Cost Wireless Data Transfer
Wireless Metering
Remote Control/Security Systems
Keyless Entry
FUNCTIONAL BLOCK DIAGRAM
VCO
OOK/ASK
LDO
REGULATOR
MUXOUT
LOCK DETECT
SERIAL
INTERFACE
FREQUENCY
COMPENSATION
CENTER
FREQUENCY
FRACTIONAL N
SIGMA-DELTA
OOK/ASK
PFD/
CHARGE
PUMP
R
CLK
PA
FSK/GFSK
OSC1
OSC2
CLKOUT CPVDD CPGND
CREG
CVCO
VCOGND
VDD
RFOUT
RFGND
CREG
RSET
MUXOUT
TEST
AGND
CE
CLK
DATA
LE
TxDATA
TxCLK
DGND
DVDD
GENERAL DESCRIPTION
The ADF7010 is a low power OOK/ASK/FSK/GFSK UHF
transmitter designed for use in ISM band systems. It contains
an integrated VCO and sigma-delta fractional-N PLL. The
output power, channel spacing, and output frequency are pro-
grammable with four 24-bit registers. The fractional-N PLL
enables the user to select any channel frequency within the U.S.
902 MHz–928 MHz band, allowing the use of the ADF7010 in
frequency hopping systems.
It is possible to choose from the four different modulation
schemes: Binary or Gaussian Frequency Shift Keying (FSK/
GFSK), Amplitude Shift Keying (ASK), or On/Off Keying
(OOK). The device also features a crystal compensation register
that can provide
1 ppm resolution in the output frequency.
Indirect temperature compensation of the crystal can be accom-
plished inexpensively using this register.
Control of the four on-chip registers is via a simple 3-wire inter-
face. The devices operate with a power supply ranging from
2.3 V to 3.6 V and can be powered down when not in use.


Similar Part No. - ADF7010_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010BRU AD-ADF7010BRU Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRU AD-ADF7010BRU Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
More results

Similar Description - ADF7010_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com