Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7113F3C Datasheet(PDF) 5 Page - Kingbright Corporation

Part # WP7113F3C
Description  T-1 3/4 (5mm) INFRARED EMITTING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113F3C Datasheet(HTML) 5 Page - Kingbright Corporation

  WP7113F3C_15 Datasheet HTML 1Page - Kingbright Corporation WP7113F3C_15 Datasheet HTML 2Page - Kingbright Corporation WP7113F3C_15 Datasheet HTML 3Page - Kingbright Corporation WP7113F3C_15 Datasheet HTML 4Page - Kingbright Corporation WP7113F3C_15 Datasheet HTML 5Page - Kingbright Corporation WP7113F3C_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAF8808
REV NO: V.6A
DATE: JAN/16/2015
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1101004993


Similar Part No. - WP7113F3C_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113F3C-P22 KINGBRIGHT-WP7113F3C-P22 Datasheet
718Kb / 5P
   T-1 3/4 (5 mm) Infrared Emitting Diode
More results

Similar Description - WP7113F3C_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113F3C KINGBRIGHT-WP7113F3C Datasheet
404Kb / 6P
   T-1 3/4 (5mm) INFRARED EMITTING DIODE
WP7113F3BT-P22 KINGBRIGHT-WP7113F3BT-P22 Datasheet
739Kb / 5P
   T-1 3/4 (5mm) Infrared Emitting Diode
WP7113SF4BT-P22 KINGBRIGHT-WP7113SF4BT-P22 Datasheet
738Kb / 5P
   T-1 3/4 (5mm) Infrared Emitting Diode
WP7113SF6C-P22 KINGBRIGHT-WP7113SF6C-P22 Datasheet
715Kb / 5P
   T-1 3/4 (5mm) Infrared Emitting Diode
WP7113SF4C-P22 KINGBRIGHT-WP7113SF4C-P22 Datasheet
718Kb / 5P
   T-1 3/4 (5mm) Infrared Emitting Diode
WP7113SF6BT-P22 KINGBRIGHT-WP7113SF6BT-P22 Datasheet
736Kb / 5P
   T-1 3/4 (5mm) Infrared Emitting Diode
WP7113SF4C KINGBRIGHT-WP7113SF4C_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) INFRARED EMITTING DIODE
WP7113SF4C KINGBRIGHT-WP7113SF4C Datasheet
404Kb / 6P
   T-1 3/4 (5mm) INFRARED EMITTING DIODE
W53SF6C KINGBRIGHT-W53SF6C Datasheet
94Kb / 3P
   T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
WP7113F3BT KINGBRIGHT-WP7113F3BT Datasheet
107Kb / 4P
   T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com