Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB09N06Q8-0-T3-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTB09N06Q8-0-T3-G
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N06Q8-0-T3-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB09N06Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C912Q8
Issued Date : 2014.07.24
Revised Date :
Page No. : 2/9
MTB09N06Q8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current @VGS=10V, TC=25C
(Note 1)
ID
18.0
A
Continuous Drain Current @VGS=10V,TC=100C
(Note 1)
12.7
Continuous Drain Current @VGS=10V,TA=25C
(Note 2)
12.0
Continuous Drain Current @VGS=10V,TA=70C
(Note 2)
9.6
Pulsed Drain Current
IDM
72
Avalanche Current
IAS
40
Avalanche Energy @ L=0.1mH, ID=40A, RG=25Ω (Note 2)
EAS
80
mJ
Repetitive Avalanche Energy @ L=0.05mH
(Note 3)
EAR
0.6
Total Power Dissipation
TC=25℃
(Note 1)
PD
6
W
TC=100℃
(Note 1)
3
TA=25℃
(Note 2)
2.5
TA=70℃
(Note 2)
1.6
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+175
C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
25
C/W
Thermal Resistance, Junction-to-ambient, max
(Note 2)
Rth,j-a
50
Note : 1
.The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C. The value in any given application depends on the user’s specific board design, and the
maximum temperature of 175°C may be used if the PCB allows it.
3
. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency
and low duty cycles to keep initial TJ=25°C.
Characteristics (TC=25
C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
60
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.1
-
V/
C
Reference to 25
C, ID=250μA
VGS(th)
1.0
-
2.5
V
VDS = VGS, ID=250μA
GFS
*1
-
30
-
S
VDS =5V, ID=10A
IGSS
-
-
±100
nA
VGS=±20V
IDSS
-
-
1
μA
VDS =48V, VGS =0V
-
-
25
VDS =48V, VGS =0V, Tj=125
C
RDS(ON) *1
-
7.3
11
VGS =10V, ID=12A
-
8.4
14
VGS =4.5V, ID=10A


Similar Part No. - MTB09N06Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB09N06E3 CYSTEKEC-MTB09N06E3 Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06E3-0-UB-X CYSTEKEC-MTB09N06E3-0-UB-X Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3 CYSTEKEC-MTB09N06F3 Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3-0-T7-X CYSTEKEC-MTB09N06F3-0-T7-X Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06FP CYSTEKEC-MTB09N06FP Datasheet
414Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB09N06Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com