Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG411 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG411
Description  LC MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG411 Datasheet(HTML) 5 Page - Analog Devices

  ADG411_15 Datasheet HTML 1Page - Analog Devices ADG411_15 Datasheet HTML 2Page - Analog Devices ADG411_15 Datasheet HTML 3Page - Analog Devices ADG411_15 Datasheet HTML 4Page - Analog Devices ADG411_15 Datasheet HTML 5Page - Analog Devices ADG411_15 Datasheet HTML 6Page - Analog Devices ADG411_15 Datasheet HTML 7Page - Analog Devices ADG411_15 Datasheet HTML 8Page - Analog Devices ADG411_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameters
Ratings
VDD to VSS
44 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
VL to GND
−0.3 V to VDD + 0.3 V
Analog, Digital Inputs1
VSS − 2 V to VDD + 2 V or
30 mA, whichever
occurs first
Continuous Current, S or D
30 mA
Peak Current, S or D (Pulsed at 1 ms,
10% Duty Cycle max)
100 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Extended (T Version)
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
PDIP, Power Dissipation
470 mW
θJA Thermal Impedance
117°C/W
Lead Temperature, Soldering (10 s)
260°C
SOIC Package, Power Dissipation
600 mW
θJA Thermal Impedance
77°C/W
TSSOP Package, Power Dissipation
450 mW
θJA Thermal Impedance
115°C/W
θJC Thermal Impedance
35°C/W
Lead Temperature, Soldering
Vapor Phase (60 s)
215°C
Infrared (15 s)
220°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should
be limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION


Similar Part No. - ADG411_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411BCHIPS AD-ADG411BCHIPS Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG411BN AD-ADG411BN Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG411BN AD-ADG411BN Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG411BNZ AD-ADG411BNZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG411BR AD-ADG411BR Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Similar Description - ADG411_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412 AD-ADG412_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG431 AD-ADG431_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG413 AD-ADG413_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG432 AD-ADG432_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG433 AD-ADG433_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG444 AD-ADG444_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG441 AD-ADG441_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG222 AD-ADG222_15 Datasheet
235Kb / 6P
   LC MOS QUAD SPST SWITCHES
REV. B
ADG442 AD-ADG442_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG452 AD-ADG452_15 Datasheet
411Kb / 16P
   LC MOS 5RON SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com