Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG411 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG411
Description  LC MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG411 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG411_15 Datasheet HTML 5Page - Analog Devices ADG411_15 Datasheet HTML 6Page - Analog Devices ADG411_15 Datasheet HTML 7Page - Analog Devices ADG411_15 Datasheet HTML 8Page - Analog Devices ADG411_15 Datasheet HTML 9Page - Analog Devices ADG411_15 Datasheet HTML 10Page - Analog Devices ADG411_15 Datasheet HTML 11Page - Analog Devices ADG411_15 Datasheet HTML 12Page - Analog Devices ADG411_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 9 of 16
TERMINOLOGY
RON
Ohmic resistance between D and S.
IS (OFF)
Source leakage current with the switch OFF.
ID (OFF)
Drain leakage current with the switch OFF.
ID, IS (ON)
Channel leakage current with the switch ON.
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
OFF switch source capacitance.
CD (OFF)
OFF switch drain capacitance.
CD, CS (ON)
ON switch capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
tD
OFF time or ON time measured between the 90% points of
both switches, when switching from one address state to
another.
Crosstalk
A measure of unwanted signal which is coupled through from
one channel to another as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an OFF switch.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.


Similar Part No. - ADG411_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411BCHIPS AD-ADG411BCHIPS Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG411BN AD-ADG411BN Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG411BN AD-ADG411BN Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG411BNZ AD-ADG411BNZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG411BR AD-ADG411BR Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Similar Description - ADG411_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412 AD-ADG412_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG431 AD-ADG431_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG413 AD-ADG413_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG432 AD-ADG432_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG433 AD-ADG433_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG444 AD-ADG444_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG441 AD-ADG441_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG222 AD-ADG222_15 Datasheet
235Kb / 6P
   LC MOS QUAD SPST SWITCHES
REV. B
ADG442 AD-ADG442_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG452 AD-ADG452_15 Datasheet
411Kb / 16P
   LC MOS 5RON SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com