Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB070P15J3-0-T3-G Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MTB070P15J3-0-T3-G
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB070P15J3-0-T3-G Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  MTB070P15J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB070P15J3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C985J3
Issued Date : 2015.01.21
Revised Date :
Page No. : 6/9
MTB070P15J3
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
10
20
30
40
50
60
70
80
01
23
45
-VGS, Gate-Source Voltage(V)
VDS=-10V
Single Pulse Maximum Power Dissipation
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=175°C
TC=25°C
θJC=1.6°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJC(t)=r(t)*RθJC
2.Duty Factor, D=t1/t2
3.TJM-TC=PDM*RθJC(t)
4.RθJC=1.6°C/W


Similar Part No. - MTB070P15J3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB070N11J3 CYSTEKEC-MTB070N11J3 Datasheet
325Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB070P15J3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com