Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTBA6C15J4 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTBA6C15J4
Description  N P-Channel Enhancement Mode Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C15J4 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

Back Button MTBA6C15J4 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 9Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 10Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 11Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 12Page - Cystech Electonics Corp. MTBA6C15J4 Datasheet HTML 13Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C938J4
Issued Date : 2014.10.15
Revised Date : 2014.10.28
Page No. : 9/13
MTBA6C15J4
CYStek Product Specification
Q2, P-CH Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
4
8
12
16
20
02
4
6
8
10
-VGS, Gate-Source Voltage(V)
VDS=-10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=175°C
TA=25°C
θJA=90°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=90°C/W
Maximum Drain Current vs Case Temperature
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
175
200
TC, Case Temperature(°C)
Tj(max)=175°C, VGS=-4.5V
RθJC=4°C/W


Similar Part No. - MTBA6C15J4

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA6C15H8 CYSTEKEC-MTBA6C15H8 Datasheet
693Kb / 14P
   N- And P-Channel Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8-0-T3-G CYSTEKEC-MTBA6C15Q8-0-T3-G Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTBA6C15J4

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTD5D0C03J4 CYSTEKEC-MTD5D0C03J4 Datasheet
513Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC4506J4 CYSTEKEC-MTC4506J4 Datasheet
361Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTD120C10J4 CYSTEKEC-MTD120C10J4 Datasheet
454Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC3504BJ4 CYSTEKEC-MTC3504BJ4 Datasheet
312Kb / 11P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF20NP03N TUOFENG-TF20NP03N Datasheet
1Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022V1.0
logo
Cystech Electonics Corp...
MTD120C10KJ4 CYSTEKEC-MTD120C10KJ4 Datasheet
358Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTB20C03J4 CYSTEKEC-MTB20C03J4 Datasheet
363Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF32324 TUOFENG-TF32324 Datasheet
3Mb / 7P
   NP Channel Enhancement Mode Power MOSFET
Dec,2020 V1.0
TF25NP03M TUOFENG-TF25NP03M Datasheet
2Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022 V1.0
logo
Cystech Electonics Corp...
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com