Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTBA6C15Q8 Datasheet(PDF) 8 Page - Cystech Electonics Corp.

Part # MTBA6C15Q8
Description  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C15Q8 Datasheet(HTML) 8 Page - Cystech Electonics Corp.

Back Button MTBA6C15Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 9Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 10Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 11Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C938Q8
Issued Date : 2014.12.01
Revised Date :
Page No. : 8/12
MTBA6C15Q8
CYStek Product Specification
Typical Characteristics(Cont.) : Q2(P-channel)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50 75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=-250μA
ID=-1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
-ID, Drain Current(A)
VDS=-10V
Pulsed
TA=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg, Total Gate Charge(nC)
ID=-1.5A
VDS=-75V
VDS=-30V
VDS=-120V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
1000
-ID, Drain-Source Voltage(V)
DC
10ms
100ms
100μs
TA=25°C, Tj=175°C, VGS=-10V
θJA=78°C/W, Single Pulse
1s
1ms
Maximum Drain Current vs Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, Tj=175°C, VGS=-10V
RθJA=78°C/W


Similar Part No. - MTBA6C15Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA6C15H8 CYSTEKEC-MTBA6C15H8 Datasheet
693Kb / 14P
   N- And P-Channel Enhancement Mode MOSFET
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTBA6C15J4-0-T3-G CYSTEKEC-MTBA6C15J4-0-T3-G Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTBA6C15Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com