Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2869-ZJ Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK2869-ZJ
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2869-ZJ Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2869-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
Typical Characterisitics
D. U. T
Rg
I
Monitor
AP
V
Monitor
DS
VDD
50Ω
Vin
15 V
0
I D
VDS
I AP
V(BR)DSS
L
VDD
E
=
• L • I
2
1
V
V
– V
AR
AP
DSS
DSS
DD
2
Avalanche Waveform
Avalanche Test Circuit
3
1
0.3
0.1
0.03
0.01
10u
100u
1 m
10 m
100 m
1
10
DM
P
PW
T
D = PW
T
ch – c(t) = s (t) • ch – c
ch – c = 4.17 C/W, Tc = 25 C
θ
γ
θ
θ
D = 1
0.5
0.2
0.01
0.02
0.1
0.05
1 shot
Pulse
Tc = 25 C
Vin Monitor
D.U.T.
Vin
10 V
R L
V
= 30 V
DD
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
50Ω
90%
10%
tf
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
m
r
o
f
e
v
a
W
ti
u
c
ri
C
t
s
e
T
e
m
i
T
g
n
i
h
c
ti
w
S
N-Channel MOSFET
2SK2869-ZJ


Similar Part No. - 2SK2869-ZJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2869 HITACHI-2SK2869 Datasheet
52Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK2869 RENESAS-2SK2869 Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Guangdong Kexin Industr...
2SK2869 KEXIN-2SK2869 Datasheet
45Kb / 1P
   N-Channel Silicon MOSFET
logo
Renesas Technology Corp
2SK2869L RENESAS-2SK2869L Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2869L VBSEMI-2SK2869L Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SK2869-ZJ

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com