Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3305-ZJ Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3305-ZJ
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3305-ZJ Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3305-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK3305-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK3305-ZJ Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SK3305-ZJ Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SK3305-ZJ Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
2SK3305-ZJ
Features
VDS S = 500V
ID = 5 A (VGS = 10V)
RDS(ON) < 1.5Ω (VGS = 10V)
Gate voltage rating: ±30 V
Avalanche capability ratings
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
500
Gate-Source Voltage
VGS
±
30
Continuous Drain Current
ID
5
Pulsed Drain Current
(Note.1)
IDM
20
Single Avalanche Current (Note.2)
IAS
5
75
1.5
Single Avalanche Energy
(Note.2)
EAS
125
mJ
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
Power Dissipation
A
V
PD
W
Note.1: PW ≤ 10 us, Duty Cycle ≤ 1 %
Note.2: Starting TJ = 25 °C, VDD = 150 V, RG = 25 Ω, VGS = 20 V → 0 V
Body
Diode
Source (S)
Drain (D)
Gate (G)
Ta = 25℃
Tc = 25℃


Similar Part No. - 2SK3305-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3305-ZJ NEC-2SK3305-ZJ Datasheet
76Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3305-ZJ ISC-2SK3305-ZJ Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3305-ZJ RENESAS-2SK3305-ZJ Datasheet
306Kb / 10P
   SWITCHINGN-CHANNEL POWER MOS FET
2000
More results

Similar Description - 2SK3305-ZJ

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com