Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6018CB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6018CB
Description  Advanced PWM and Dual Linear Power Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6018CB Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6018CB Datasheet HTML 1Page - Intersil Corporation HIP6018CB Datasheet HTML 2Page - Intersil Corporation HIP6018CB Datasheet HTML 3Page - Intersil Corporation HIP6018CB Datasheet HTML 4Page - Intersil Corporation HIP6018CB Datasheet HTML 5Page - Intersil Corporation HIP6018CB Datasheet HTML 6Page - Intersil Corporation HIP6018CB Datasheet HTML 7Page - Intersil Corporation HIP6018CB Datasheet HTML 8Page - Intersil Corporation HIP6018CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2-228
Under-Voltage Hysteresis
-6-
%
DRIVE3 Source Current
VIN2 - DRIVE3 > 0.6V
20
40
-
mA
PWM CONTROLLER ERROR AMPLIFIER
DC Gain
-88-
dB
Gain-Bandwidth Product
GBWP
-
15
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
µs
PWM CONTROLLER GATE DRIVER
Upper Drive Source
IUGATE
VCC = 12V, VUGATE1 (or VGATE2) = 6V
-
1
-
A
Upper Drive Sink
RUGATE
VUGATE1-PHASE1 = 1V
-
1.7
3.5
Lower Drive Source
ILGATE
VCC = 12V, VLGATE1 = 1V
-
1
-
A
Lower Drive Sink
RLGATE
VLGATE1 = 1V
-
1.4
3.0
PROTECTION
VOUT1 Over-Voltage Trip
VSEN1 Rising
112
115
118
%
FAULT Sourcing Current
IOVP
VFAULT = 10V
10
14
-
mA
OCSET1 Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-Start Current
ISS
-11-
µA
Chip Shutdown Soft-Start Threshold
-
-
1.0
V
POWER GOOD
VOUT1 Upper Threshold
VSEN1 Rising
108
-
110
%
VOUT1 Under Voltage
VSEN1 Rising
92
-
94
%
VOUT1 Hysteresis (VSEN1 / DACOUT)
Upper/Lower Threshold
-
2
-
%
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
-
0.5
V
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 4. RT RESISTANCE vs FREQUENCY
FIGURE 5. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN TO VSS
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
SWITCHING FREQUENCY (kHz)
CGATE = 660pF
CUGATE1 = CLGATE1 = CGATE
CGATE = 4800pF
CGATE = 3600pF
CGATE = 1500pF
VVCC = 12V, VIN = 5V
HIP6018


Similar Part No. - HIP6018CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6018CB RENESAS-HIP6018CB Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
More results

Similar Description - HIP6018CB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
FN4496 INTERSIL-FN4496 Datasheet
323Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com