Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6020CB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6020CB
Description  Advanced Dual PWM and Dual Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020CB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6020CB Datasheet HTML 5Page - Intersil Corporation HIP6020CB Datasheet HTML 6Page - Intersil Corporation HIP6020CB Datasheet HTML 7Page - Intersil Corporation HIP6020CB Datasheet HTML 8Page - Intersil Corporation HIP6020CB Datasheet HTML 9Page - Intersil Corporation HIP6020CB Datasheet HTML 10Page - Intersil Corporation HIP6020CB Datasheet HTML 11Page - Intersil Corporation HIP6020CB Datasheet HTML 12Page - Intersil Corporation HIP6020CB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2-289
MOSFET switching. The over-current function will trip at a peak
inductor current (IPEAK) determined by:
The OC trip point varies with MOSFET’s rDS(ON)
temperature variations. To avoid over-current tripping in the
normal operating load range, determine the ROCSET
resistor value from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature
2. The minimum IOCSET from the specification table
3. Determine IPEAK for IPEAK > IOUT(MAX) + (∆I)/2,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
OUT1 Voltage Program
The output voltage of the PWM1 converter is programmed to
discrete levels between 1.3VDC and 3.5VDC. This output
(OUT1) is designed to supply the core voltage of Intel’s
advanced microprocessors. The voltage identification (VID)
pins program an internal voltage reference (DACOUT) with a
TTL-compatible 5-bit digital-to-analog converter (DAC). The
level of DACOUT also sets the PGOOD and OVP thresholds.
Table 1 specifies the DACOUT voltage for the different
combinations of connections on the VID pins. The VID pins
can be left open for a logic 1 input, because they are internally
pulled up to an internal voltage of about 5V by a 10
µA current
source. Changing the VID inputs during operation is not
recommended and could toggle the PGOOD signal and
exercise the over-voltage protection. ‘11111’ VID pin
combination disables the IC and opens the PGOOD pin.
OUT2 Voltage Selection
The AGP regulator output voltage is internally set to one of
two discrete levels, based on the status of the SELECT pin.
SELECT pin is internally pulled ‘high’, such that left open,
the AGP output voltage is by default set to 3.3V. The other
discrete setting available is 1.5V, which can be obtained by
grounding the SELECT pin using a jumper or another
suitable method capable of sinking a few tens of
microamperes. The status of the SELECT pin cannot be
changed during operation of the IC without immediately
causing a fault condition.
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error amplifier’s output
of the PWM converters. This generates PHASE pulses of
increasing width that charge the output capacitor(s). After the
output voltage increases to approximately 70% of the set value,
the reference input of the error amplifier is clamped to a voltage
proportional to the SS pin voltage. The resulting output voltages
start-up as shown in Figure 6.
The soft-start function controls the output voltage rate of rise
to limit the current surge at start-up. The soft-start interval
and the surge current are programmed by the soft-start
capacitor, CSS. Programming a faster soft-start interval
I
PEAK =
I
OCSET
R
OCSET
×
r
DS ON
()
----------------------------------------------------
TABLE 1. OUT1 VOLTAGE PROGRAM
PIN NAME
NOMINAL
DACOUT
VOLTAGE
VID4
VID3
VID2
VID1
VID0
01111
1.30
01110
1.35
01101
1.40
01100
1.45
01011
1.50
01010
1.55
01001
1.60
01000
1.65
00111
1.70
00110
1.75
00101
1.80
00100
1.85
00011
1.90
00010
1.95
00001
2.00
00000
2.05
11111
0
11110
2.1
11101
2.2
11100
2.3
11011
2.4
11010
2.5
11001
2.6
11000
2.7
10111
2.8
10110
2.9
10101
3.0
10100
3.1
10011
3.2
10010
3.3
10001
3.4
10000
3.5
NOTE: 0 = connected to GND, 1 = open or connected to 5V through
pull-up resistors
HIP6020


Similar Part No. - HIP6020CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6020CB RENESAS-HIP6020CB Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
More results

Similar Description - HIP6020CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com